Electronic Components Datasheet Search
  English  ▼

X  

ADFS5758 Datasheet(PDF) 60 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 56Page - Analog Devices ADFS5758 Datasheet HTML 57Page - Analog Devices ADFS5758 Datasheet HTML 58Page - Analog Devices ADFS5758 Datasheet HTML 59Page - Analog Devices ADFS5758 Datasheet HTML 60Page - Analog Devices ADFS5758 Datasheet HTML 61Page - Analog Devices ADFS5758 Datasheet HTML 62Page - Analog Devices ADFS5758 Datasheet HTML 63Page - Analog Devices ADFS5758 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 60 of 75
Key Register
Address: 0x08, Reset: 0x080000, Name: Key
This register accepts specific key codes to perform tasks such as calibration memory refresh and software reset. Bits[15:0] of this register
always read back as 0x0000. All unlisted key codes are reserved.
Table 36. Bit Descriptions for Key
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:0]
KEY_CODE
Key code.
0x0
R0/W
0x4765: lock user configuration register space. This key initiates an automatic
calculation of the ideal CRC that all subsequent background CRC calculations are
compared to.
0x896D: first of two keys to unlock the user configuration register space.
0x57AB: second of two keys to unlock the user configuration register space.
0x15FA: first of two keys to initiate a software reset.
0xAF51: second of two keys to initiate a software reset.
0x1ADC: key to initiate a single ADC conversion on the selected ADC channel.
0x0D06: first of two keys to reset the watchdog timer.
0xF00D: second of two keys to reset the watchdog timer.
0x5CEA: key to force a recalculation of the background CRC.
0xFCBA: key to initiate a calibration memory refresh to the shadow registers. Note that
this key is only valid the first time it is run and has no effect if subsequent writes occur
within a given system reset cycle.
General-Purpose Configuration 1 Register
Address: 0x09, Reset: 0x090204, Name: GP_CONFIG1
This register is used to configure functions such as the temperature comparator threshold and CLKOUT, as well as enabling other
miscellaneous features.
Table 37. Bit Descriptions for GP_CONFIG1
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:14]
Reserved
Reserved. Do not alter the default value of this bit.
0x0
R
[13:12]
SET_TEMP_THRESHOLD
Set the temperature comparator threshold value.
0x0
R/W
00: 142°C (default).
01: 127°C.
10: 112°C.
11: 97°C.
[11:10]
CLKOUT_CONFIG
Configure the CLKOUT pin.
0x0
R/W
00: disable; no clock is output on the CLKOUT pin (default).
01: enable; clock is output on CLKOUT pin according to the CLKOUT_FREQ bits
(Bits[9:7]).
10: reserved (do not select this option).
11: reserved (do not select this option).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com