Electronic Components Datasheet Search
  English  ▼

X  

ADFS5758 Datasheet(PDF) 66 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 66 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 62Page - Analog Devices ADFS5758 Datasheet HTML 63Page - Analog Devices ADFS5758 Datasheet HTML 64Page - Analog Devices ADFS5758 Datasheet HTML 65Page - Analog Devices ADFS5758 Datasheet HTML 66Page - Analog Devices ADFS5758 Datasheet HTML 67Page - Analog Devices ADFS5758 Datasheet HTML 68Page - Analog Devices ADFS5758 Datasheet HTML 69Page - Analog Devices ADFS5758 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 66 of 75
Bits
Bit Name
Description
Reset
Access
4
INVERSE_DAC_CHECK_EN
Enable check for DAC code vs. inverse DAC code error.
0x1
R/W
0: disable.
1: enable (default).
3
CAL_MEM_CRC_EN
Enable CRC of calibration memory upon calibration memory refresh.
0x1
R/W
0: disable.
1: enable (default).
2
FREQ_MON_EN
Enable the internal frequency monitor on the internal oscillator (MCLK).
0x1
R/W
0: disable.
1: enable (default).
1
CFG_LOCK_CHECK_EN
Enable a check for writes to the user configuration space when locked. When
enabled, this diagnostic feature checks for any writes that occur while the user
configuration space is locked. Such writes are ignored and flagged in the
corresponding flag within the DIGITAL_DIAG_RESULTS register.
0x0
R/W
0: disable (default).
1: enable.
0
SPI_CRC_EN
Enable SPI CRC function.
0x1
R/W
0: disable.
1: enable (default).
ADC Configuration Register
Address: 0x11, Reset: 0x110000, Name: ADC_CONFIG
This register configures the ADC into one of four modes of operation: key sequencing, automatic sequencing, single immediate
conversion of the currently selected ADC_IP_SELECT node, or single-key conversion.
Table 43. Bit Descriptions for ADC_CONFIG
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:11]
RESERVED
Reserved.
0x0
R/W
[10:8]
SEQUENCE_COMMAND
ADC sequence command bits.
0x0
R/W
000: set depth of the sequencer. The contents of SEQUENCE_DATA[7:5] bits
correspond to the depth of the sequencer: 000 = 1 channel, 001 = 2 channels …
111 = 8 channels.
001: set the channel SEQUENCE_DATA[7:5] with the ADC input, ADC_IP_SELECT[4:0].
010: enable/disable key sequencer mode, depending on the contents of
SEQUENCE_DATA[7:5] bits. SEQUENCE_DATA[7:5] = 001: enable key sequencer.
SEQUENCE_DATA[7:5] ≠001: disable key sequencer.
011: enable/disable automatic sequencer mode, depending on the contents of the
SEQUENCE_DATA[7:5] bits. SEQUENCE_DATA[7:5] = 001: enable automatic
sequencer. SEQUENCE_DATA[7:5] ≠001: disable automatic sequencer.
100: initiate a single conversion on the ADC_IP_SELECT[4:0] input. This disables
autosequencing. SEQUENCE_DATA[7:5] bits are not applicable for this command.
101: set up the ADC for future individual ADC conversions (if not using the key
sequencer), using the 0x1ADC key code. SEQUENCE_DATA[7:5] bits are not
applicable for this command.
110: reserved (do not select this option).
111: reserved (do not select this option).
[7:5]
SEQUENCE_DATA
The function of the contents of this field is dependent on the command being
issued by the SEQUENCE_COMMAND[10:8] bits.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com