Electronic Components Datasheet Search
  English  ▼

X  

ADFS5758 Datasheet(PDF) 54 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 50Page - Analog Devices ADFS5758 Datasheet HTML 51Page - Analog Devices ADFS5758 Datasheet HTML 52Page - Analog Devices ADFS5758 Datasheet HTML 53Page - Analog Devices ADFS5758 Datasheet HTML 54Page - Analog Devices ADFS5758 Datasheet HTML 55Page - Analog Devices ADFS5758 Datasheet HTML 56Page - Analog Devices ADFS5758 Datasheet HTML 57Page - Analog Devices ADFS5758 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 54 of 75
PROGRAMMING SEQUENCE TO ENABLE THE
OUTPUT CORRECTLY
To correctly write to and set up the device from a power-on or
reset condition, use the following sequence:
1. Perform a hardware or software reset and wait 100 µs.
2. Perform a calibration memory refresh by writing 0xFCBA to
the key register. Wait a minimum of 500 µs before proceeding
to Step 3 to allow time for the internal calibrations to
complete. As an alternative to waiting 500 µs for the
refresh cycle to complete, poll the CAL_MEM_
UNREFRESHED bit in the DIGITAL_DIAG_RESULTS
register until it is 0.
3. Write 1 to Bit D13 in the DIGITAL_DIAG_RESULTS
register to clear the RESET_OCCURRED flag.
4. If CLKOUT is required, configure and enable this feature
via the GP_CONFIG1 register. It is important to configure
this feature before enabling the dc-to-dc converter.
5. Write to the DCDC_CONFIG2 register to set the dc-to-dc
current limit. Wait 300 µs to allow the 3-wire interface
communication to complete. As an alternative to waiting
300 µs for the 3-wire interface communication to
complete, poll the BUSY_3WI bit in the
DCDC_CONFIG2 register until it is 0.
6. Write to the DCDC_CONFIG1 register to set up the
dc-to-dc converter mode (thereby enabling the dc-to-dc
converter). Wait 300 µs to allow the 3-wire interface
communication to complete. As an alternative to waiting
300 µs to the 3-wire interface communication to complete,
poll the BUSY_3WI bit in the DCDC_CONFIG2 register
until it is 0.
7. Write to the DAC_CONFIG register to set the INT_EN bit
(powers up the DAC and internal (INT) amplifiers without
enabling the output) and configure the output range, internal/
external RSET, and slew rate. Keep the OUT_EN bit
disabled at this point. Wait 500 µs minimum before
proceeding to Step 8 to allow time for the internal
calibrations to complete. As an alternative to waiting 500 µs
for the refresh cycle to complete, poll the CAL_MEM_
UNREFRESHED bit in the DIGITAL_DIAG_RESULTS
register until it is 0.
8. Write zero-scale DAC code to the DAC_INPUT register. If
a bipolar range was selected in Step 7, a DAC code that
represents a 0 mA/0 V output must be written to the
DAC_INPUT register. It is important that this step be
completed even if the contents of the DAC_INPUT
register are not changing.
9. If LDAC functionality is being used, perform either a
software or hardware LDAC command.
10. Enable the background supply monitoring voltage
comparators.
11. Rewrite the same word to the DAC_CONFIG register as in
Step 7 except, this time, with the OUT_EN bit enabled.
Allow 1.25 ms minimum between Step 6 and Step 11; this
is the time from when the dc-to-dc is enabled to when the
VIOUT output is enabled.
12. Write the required DAC code to the DAC_INPUT register.
13. Write 0x4765 to the key register to lock the user configuration
register space. This is an optional step.
An example configuration is shown in Figure 93. Additional
configuration and diagnostics including ADC configuration
must be configured before Step 13.
Changing and Reprogramming the Range
After the output is enabled, use the following recommended
steps when changing the output range. If the user configuration
register space is locked, it must first be unlocked by writing to
the key register before Step 2 can be performed. It can be
relocked, if required, after Step 4.
1. Write to the DAC_INPUT register. Set the output to 0 mA
or 0 V.
2. Write to the DAC_CONFIG register. Disable the output
(OUT_EN = 0), and set the new output range. Keep the
INT_EN bit set. Wait 500 µs minimum before proceeding
to Step 3 to allow time for internal calibrations to
complete.
3. Write Code 0x0000 (in the case of bipolar ranges write
Code 0x8000) to the DAC_INPUT register. It is important
that this step be completed even if the contents of the
DAC_INPUT register are not changing.
4. Reload the DAC_CONFIG register word from Step 2 except,
this time, set the OUT_EN bit to 1 to enable the output.
5. Write the required DAC code to the DAC_INPUT
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com