Electronic Components Datasheet Search
  English  ▼

X  

ADFS5758 Datasheet(PDF) 26 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 22Page - Analog Devices ADFS5758 Datasheet HTML 23Page - Analog Devices ADFS5758 Datasheet HTML 24Page - Analog Devices ADFS5758 Datasheet HTML 25Page - Analog Devices ADFS5758 Datasheet HTML 26Page - Analog Devices ADFS5758 Datasheet HTML 27Page - Analog Devices ADFS5758 Datasheet HTML 28Page - Analog Devices ADFS5758 Datasheet HTML 29Page - Analog Devices ADFS5758 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 26 of 75
DC-TO-DC BLOCK
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14
16
18
20
22
24
CURRENT (mA)
AVDD1 = 28V, 1kΩ LOAD
AVDD1 = 28V, 300Ω LOAD
AVDD1 = 28V, 0Ω LOAD
AVDD1 = 15V, 300Ω LOAD
AVDD1 = 15V, 0Ω LOAD
Figure 57. DC-to-DC Efficiency vs. Current
0
10
20
30
40
50
60
70
80
90
100
–40
25
85
105
125
TEMPERATURE (°C)
AVDD1 = 28V, 1kΩ LOAD
AVDD1 = 28V, 300Ω LOAD
AVDD1 = 28V, 0Ω LOAD
AVDD1 = 15V, 300Ω LOAD
AVDD1 = 15V, 0Ω LOAD
Figure 58. Combined DC-to-DC Efficiency vs. Temperature
CURRENT (mA)
0
10
20
30
40
50
60
70
80
90
0
2
4
6
8
10
12
14
16
18
20
22
24
AVDD1 = 28V, 1kΩ LOAD
AVDD1 = 28V, 300Ω LOAD
AVDD1 = 15V, 300Ω LOAD
Figure 59. Output Efficiency vs. Current
0
10
20
30
40
50
60
70
80
90
–40
25
85
105
125
TEMPERATURE (°C)
AVDD1 = 28V, 1kΩ, LOAD
AVDD1 = 28V, 300Ω, LOAD
AVDD1 = 15V, 300Ω, LOAD
Figure 60. Output Efficiency vs. Temperature
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0
2
4
6
8
10
12
14
16
18
20
22
24
CURRENT (mA)
AVDD1 = 28V, 1kΩ
AVDD1 = 28V, 300Ω
AVDD1 = 28V, 0Ω
AVDD1 = 15V, 300Ω
AVDD1 = 15V, 0Ω
Figure 61. Power Dissipation vs. Current
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
125
TEMPERATURE (°C)
AVDD1 = 28V, 1kΩ
AVDD1 = 28V, 300Ω
AVDD1 = 28V, 0Ω
AVDD1 = 15V, 300Ω
AVDD1 = 15V, 0Ω
–40
25
85
105
Figure 62. Power Dissipation vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com