Electronic Components Datasheet Search
  English  ▼

X  

ADFS5758 Datasheet(PDF) 43 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 39Page - Analog Devices ADFS5758 Datasheet HTML 40Page - Analog Devices ADFS5758 Datasheet HTML 41Page - Analog Devices ADFS5758 Datasheet HTML 42Page - Analog Devices ADFS5758 Datasheet HTML 43Page - Analog Devices ADFS5758 Datasheet HTML 44Page - Analog Devices ADFS5758 Datasheet HTML 45Page - Analog Devices ADFS5758 Datasheet HTML 46Page - Analog Devices ADFS5758 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 43 of 75
VLDO EXTERNAL CAPACITOR DETECTION
The GP_CONFIG2 register contains the VLDO_CAP
DETECT_EN bit that enables a diagnostic check to detect the
presence of an external capacitor of 0.1 µF or larger on the VLDO
pin (for example, the output of the internal 3.3 V VLDO). This
check is a one-shot test that temporarily sets the VLDO output to a
target voltage of 2.7 V. The time it takes to reach the target voltage
determines the presence, or not, of an external capacitor. If there is
no capacitor present, the VLDO_CAP_ERR bit is triggered in
the ANALOG_DIAG_RESULTS register. It is recommended
that no other instruction be written to the ADFS5758 for the
duration of this test (approximately 100 µs). The VLDO_CAP_
DETECT_EN bit remains high for the duration of the test and
returns to 0 after the test completes and the VLDO node returns
to the nominal value of 3.3 V.
STICKY DIAGNOSTIC RESULTS BITS
The ADFS5758 contains two diagnostic results registers: digital
and analog (see Table 46 and Table 47, respectively). The
diagnostic result bits contained within these registers are sticky
(R/W-1-C), that is, each bit needs a 1 to be written to it to clear
it. A more appropriate word here is update rather than clear
because if the fault is still present, even after writing a 1 to the
bit in question, it does not clear to 0. Upon writing Logic 1 to
the bit, it updates to its latest value, which is Logic 1 if the fault
is still present, and Logic 0 if the fault is no longer present.
There are two exceptions to this R/W-1-C access within the
DIGITAL_DIAG_RESULTS register: CAL_MEMORY_
UNREFRESHED and SLEW_BUSY. These flags automatically
clear when the calibration memory refresh or output slew
respectively, is complete.
The status register contains a DIG_DIAG_STATUS and
ANA_DIAG_STATUS bit, which is the result of a logical OR of
the diagnostic results bits contained in each of the diagnostic
results registers. All analog diagnostic flag bits are included in
the logical OR of the ANA_DIAG_STATUS bit and all digital
diagnostic flag bits, with the exception of the SLEW_BUSY bit,
are included in the logical OR of the DIG_DIAG_STATUS bit.
The OR’ed bits within the status register are read-only and not
sticky (R/W-1-C).
BACKGROUND SUPPLY AND TEMPERATURE
MONITORING
Excessive die temperature and overvoltage are known to be
related to common cause failures, and can be monitored in a
continuous fashion using comparators, eliminating the
requirement to poll the ADC.
Both die have a built-in temperature sensor with an accuracy of
typically ±5oC. The die temperature is monitored by a
comparator. The background temperature comparators are
permanently enabled. Programmable trip points corresponding
to 142°C, 127°C, 112°C, and 97°C can be configured in the
GP_CONFIG1 register. If the temperature of either die exceeds
the programmed limit, the relevant status bit in the
ANALOG_DIAG_RESULTS register is set and the FAULT pin
is asserted low. The ADFS5758 is designed and characterized to
ensure that the ADFS5758 remains functional at the lowest
overtemperature indicator trip point.
The low voltage supplies on the ADFS5758 are monitored via
low power static comparators. This function is disabled by
default and can be enabled via the COMPARATOR_CONFIG
bits in the GP_CONFIG2 register. Note that the INT_EN bit in
the DAC_CONFIG register must be set for the REFIN buffer to
be powered up and this node available to the REFIN comparator.
The monitored nodes are REFIN, REFOUT, VLDO, and an
internal AVCC voltage node (INT_AVCC). There is a status bits
in the ANALOG_DIAG_RESULTS register corresponding to
each monitored node. If any of the supplies exceed their upper
or lower threshold values (Table 17), the corresponding status
bit is set. Note that in the case of a REFOUT fault, the
REFOUT_ERR status bit is set. In this case, the INT_AVCC,
VLDO and temperature comparator status bits may also become
set because REFOUT is used as the comparison voltage for
these nodes. As per all other status bits in the ANALOG_
DIAG_RESULTS register, these bits are sticky and need a 1 to
be written to them to clear them; assuming, of course, the error
condition has subsided. If the error condition is still present,
the flag remains high even after a 1 has been written to clear it.
Table 17. Comparator Supply Activation Thresholds
Supply
Lower
Threshold (V)
Nominal
Value/Range (V)
Upper
Threshold (V)
INT_AVCC
3.8
4 to 5
5.2
VLDO
2.8
3 to 3.6
3.8
REFIN
2.24
2.5
2.83
REFOUT
2.24
2.5
2.83
OUTPUT FAULT
The ADFS5758 is equipped with a FAULT pin. This pin is an
active low, open-drain output allowing several ADFS5758
devices to be connected together to one pull-up resistor for
global fault detection. This pin is high impedance when no
faults are detected and is asserted low when certain faults are
detected, for example, an open circuit in current mode, a short
circuit in voltage mode, a CRC error, or an overtemperature
error. Table 18 shows the fault conditions that automatically
force the FAULT pin active and highlights the user maskable
fault bits available via the FAULT_PIN_CONFIG register (see
Table 44). Note that all registers contain a corresponding
FAULT pin status bit (FAULT_PIN_STATUS) that mirrors the
inverted current state of the FAULT pin. For example, if the
FAULT pin is active, then the FAULT_PIN_STATUS bit is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com