Electronic Components Datasheet Search
  English  ▼

X  

ADFS5758 Datasheet(PDF) 15 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 11Page - Analog Devices ADFS5758 Datasheet HTML 12Page - Analog Devices ADFS5758 Datasheet HTML 13Page - Analog Devices ADFS5758 Datasheet HTML 14Page - Analog Devices ADFS5758 Datasheet HTML 15Page - Analog Devices ADFS5758 Datasheet HTML 16Page - Analog Devices ADFS5758 Datasheet HTML 17Page - Analog Devices ADFS5758 Datasheet HTML 18Page - Analog Devices ADFS5758 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 15 of 75
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
24
23 AD0
22 AD1
LDAC
21
CLKOUT
20
19
FAULT
18
SYNC
17
SDI
1
2
3
4
5
6
7
8
SW+
ADC1
AGND
REFGND
SCLK
ADFS5758
TOP VIEW
(Not to Scale)
AVDD1
AVDD2
RA
RB
NOTES
1. EXPOSED PAD. CONNECT THE EXPOSED PAD TO THE
POTENTIAL OF THE AVSS PIN, OR, ALTERNATIVELY, IT
CAN BE LEFT ELECTRICALLY UNCONNECTED. IT IS
RECOMMENDED THAT THE PAD BE THERMALLY
CONNECTED TO A COPPER PLANE FOR ENHANCED
THERMAL PERFORMANCE.
Figure 6. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SW+
Switching Output for the DC-to-DC Circuitry. To use the dc-to-dc feature of the device, connect as shown in Figure 77.
2
AVDD1
Positive Analog Supply. The voltage range is from 7 V to 33 V.
3
AVDD2
Positive Low Voltage Analog Supply. The voltage range is from 5 V to 33 V.
4
ADC1
Multiplexed ADC External Input 1 (Input Range of 0 V to 0.5 V, 0 V to 2.5 V, or ±0.5 V).
5
AGND
Ground Reference Point for the Analog Circuitry. This pin must be connected to 0 V.
6
REFGND
Ground Reference Point for Internal Reference. This pin must be connected to 0 V.
7
RA
External Current Setting Resistor. An external, precision, low drift 13.7 kΩ current setting resistor can be connected
between RA and RB to improve the current output temperature drift performance. It is recommended that the
external resistor be placed as close as possible to the ADFS5758.
8
RB
External Current Setting Resistor. An external, precision, low drift 13.7 kΩ current setting resistor can be connected
between RA and RB to improve the current output temperature drift performance. It is recommended that the
external resistor be placed as close as possible to the ADFS5758.
9
REFIN
External 2.5 V Reference Voltage Input.
10
REFOUT
Internal 2.5 V Reference Voltage Output. REFOUT must be connected to REFIN to use the internal reference. A
capacitor between REFOUT and REFGND is not recommended.
11
CHART
HART Input Connection. The HART signal must be ac-coupled to this pin. If HART is not being used, leave this pin
unconnected. This pin is disconnected from the HART summing node by default and can be connected via the
HART_EN bit in the GP_CONFIG1 register.
12
VLDO
3.3 V Low Dropout (LDO) Output Voltage. VLDO must be decoupled to AGND with a 0.1 µF capacitor.
13
VLOGIC
Digital Supply. The voltage range is from 1.71 V to 5.5 V. VLOGIC must be decoupled to DGND with a 0.1 µF capacitor.
14
SDO
Serial Data Output. This pin clocks data from the serial register in readback mode. The maximum SCLK speed for
readback mode is 15 MHz (depending on the VLOGIC voltage). See the Timing Characteristics section.
15
DGND
Digital Ground.
16
RESET
Hardware Reset. Active low input. Do not write an SPI command within 100 μs of issuing a reset (using the
hardware RESET pin or via software).
17
LDAC
Load DAC. Active low input. This pin updates the DAC_OUTPUT register and, consequently, the DAC output. Do
not assert LDAC within 500 ns before the rising edge of SYNC or 1.5 µs after the rising edge of SYNC (see the
Timing Characteristics section for the timing specifications).
18
CLKOUT
Optional Clock Output Signal (Disabled by Default). This pin is a divided down version of the internal 10 MHz
oscillator (MCLK) and is configured in the GP_CONFIG1 register.
19
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of SCLK. In write mode, this pin
operates at clock speeds of up to 50 MHz (depending on the VLOGIC voltage). In read mode, the maximum SCLK
speed is 15 MHz (depending on the VLOGIC voltage). See the Timing Characteristics section for the timing specifications.
20
SDI
Serial Data Input. Data must be valid on the falling edge of SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com