Electronic Components Datasheet Search
  English  ▼

X  

ADFS5758 Datasheet(PDF) 55 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 51Page - Analog Devices ADFS5758 Datasheet HTML 52Page - Analog Devices ADFS5758 Datasheet HTML 53Page - Analog Devices ADFS5758 Datasheet HTML 54Page - Analog Devices ADFS5758 Datasheet HTML 55Page - Analog Devices ADFS5758 Datasheet HTML 56Page - Analog Devices ADFS5758 Datasheet HTML 57Page - Analog Devices ADFS5758 Datasheet HTML 58Page - Analog Devices ADFS5758 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 55 of 75
EXAMPLE CONFIGURATION TO ENABLE THE OUTPUT CORRECTLY
3. CLEAR RESET_OCCURRED BIT
2. PERFORM CALIBRATION
MEMORY REFRESH
REGISTER ADDRESS[D20:D16]
DATA[D15:D0]
0x14
D13 = 1
WRITE
WRITE
6. SET UP THE
DC
‐TO‐DC CONVERTER
WRITE
8. WRITE CODE 0x0000
or 0x8000 (BIPOLAR RANGE)
IS CAL_MEM_
UNREFRESHED
== 0?
IS WAIT
== 500µs?
WAIT = 0
N
WAIT = WAIT + 1
N
IS BUSY_3WI
== 0?
IS WAIT
== 300µs?
WAIT = 0
N
WAIT = WAIT + 1
N
ADFS5758 ADDRESS[D23:D21]
REGISTER ADDRESS[D20:D16]
DATA[D15:D0]
0x08
0xFCBA
REGISTER ADDRESS[D20:D16]
DATA[D15:D0]
0x0B
DC-TO-DC MODE
5. SET UP THE
DC
‐TO‐DC CONVERTER
SETTINGS
WRITE
IS BUSY_3WI
== 0?
IS WAIT
== 300µs?
WAIT = 0
N
WAIT = WAIT + 1
N
REGISTER ADDRESS[D20:D16]
DATA[D15:D0]
0x0C
DC-TO-DC SETTINGS
7. CONFIGURE THE DAC
(OUTPUT DISABLED)
WRITE
IS CAL_MEM_
UNREFRESHED
== 0?
IS WAIT
== 500µs?
WAIT = 0
N
WAIT = WAIT + 1
N
REGISTER ADDRESS[D20:D16]
DATA[D15:D0]
0x06
D6 = 0
WRITE
REGISTER ADDRESS[D20:D16]
DATA[D15:D0]
0x01
DAC CODE
WRITE
REGISTER ADDRESS[D20:D16]
DATA[D15:D0]
0x06
D6 = 1
WRITE
REGISTER ADDRESS[D20:D16]
DATA[D15:D0]
0x08
0x4765
10. CONFIGURE THE DAC
(OUTPUT ENABLED)
12. LOCK THE USER
CONFIGURATION REGISTER SPACE
SLIPBIT + ADFS5758_AD[1:0]
WRITE
REGISTER ADDRESS[D20:D16]
DATA[D15:D0]
4. CONFIGURE CLKOUT
IF REQUIRED
0x09
GP CONFIG1 SETTINGS
1. PERFORM HARDWARE OR
SOFTWARE RESET
WRITE
REGISTER ADDRESS[D20:D16]
DATA[D15:D0]
0x01
11. WRITE THE REQUIRED DAC
CODE
DAC CODE
ADFS5758 ADDRESS[D23:D21]
SLIPBIT + ADFS5758_AD[1:0]
ADFS5758 ADDRESS[D23:D21]
SLIPBIT + ADFS5758_AD[1:0]
ADFS5758 ADDRESS[D23:D21]
SLIPBIT + ADFS5758_AD[1:0]
ADFS5758 ADDRESS[D23:D21]
SLIPBIT + ADFS5758_AD[1:0]
ADFS5758 ADDRESS[D23:D21]
SLIPBIT + ADFS5758_AD[1:0]
ADFS5758 ADDRESS[D23:D21]
SLIPBIT + ADFS5758_AD[1:0]
ADFS5758 ADDRESS[D23:D21]
SLIPBIT + ADFS5758_AD[1:0]
ADFS5758 ADDRESS[D23:D21]
SLIPBIT + ADFS5758_AD[1:0]
ADFS5758 ADDRESS[D23:D21]
SLIPBIT + ADFS5758_AD[1:0]
NOTES
1. LDAC FUNCTIONALITY IS NOT BEING USED. DEFAULT DC-TO-DC CURRENT LIMIT IS BEING USED.
WRITE
REGISTER ADDRESS[D20:D16]
DATA[D15:D0]
0x0A
D14:D13 = 11
9. ENABLE THE VOLTAGE
COMPARATORS
ADFS5758 ADDRESS[D23:D21]
SLIPBIT + ADFS5758_AD[1:0]
Figure 93. Example Configuration to Enable the Output Correctly (CRC Disabled for Simplicity)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com