Electronic Components Datasheet Search
  English  ▼

X  

ADFS5758 Datasheet(PDF) 14 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 10Page - Analog Devices ADFS5758 Datasheet HTML 11Page - Analog Devices ADFS5758 Datasheet HTML 12Page - Analog Devices ADFS5758 Datasheet HTML 13Page - Analog Devices ADFS5758 Datasheet HTML 14Page - Analog Devices ADFS5758 Datasheet HTML 15Page - Analog Devices ADFS5758 Datasheet HTML 16Page - Analog Devices ADFS5758 Datasheet HTML 17Page - Analog Devices ADFS5758 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 14 of 75
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. Transient currents of up to
±200 mA do not cause silicon controlled rectifier (SCR) latch-up.
Table 4.
Parameter
Rating
AVDD1 to AGND, DGND
−0.3 V to +44 V
AVSS to AGND, DGND
+0.3 V to −35 V
AVDD1 to AVSS
−0.3 V to +66 V
AVDD2, VDPC+ to AGND, DGND
−0.3 V to +35 V
AVDD2, VDPC+ to AVSS
−0.3 V to +55 V
VLOGIC to DGND
−0.3 V to +6 V
Digital Inputs to DGND (SCLK,
SDI, SYNC, AD0, AD1, RESET,
LDAC)
−0.3 V to VLOGIC + 0.3 V or
+6 V (whichever is less)
Digital Outputs to DGND
(FAULT, SDO, CLKOUT)
−0.3 V to VLOGIC + 0.3 V or
+6 V (whichever is less)
REFIN, REFOUT, VLDO, CHART to
AGND
−0.3 V to AVDD2 + 0.3 V or
+6 V (whichever is less)
RA to AGND
−0.3 V to +4.5 V
RB to AGND
−0.3 V to +4.5 V
VIOUT to AGND
±38 V
+VSENSE to AGND
±38 V
−VSENSE to AGND
±38 V
ADC1, ADC2 to AGND
±38 V
CCOMP to AGND
AVSS − 0.3 V to VDPC+ + 0.3 V
SW+ to AGND
−0.3 V to AVDD1 + 0.3 V or
+33 V (whichever is less)
AGND, DGND to REFGND
−0.3 V to +0.3 V
AGND, DGND to PGND1
−0.3 V to +0.3 V
Industrial Operating
Temperature Range (TA)1
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
(TJ maximum)
125°C
Power Dissipation
(TJ maximum − TA)/θJA
Lead Temperature
JEDEC industry standard
Soldering
J-STD-020
Electrostatic Discharge (ESD)
Human Body Model2
±3 kV
Field Induced Charged
Device Model3
±1 kV
1
Power dissipated on chip must be derated to keep the junction temperature
below 125°C.
2
As per ANSI/ESDA/JEDEC JS-001, all pins.
3
As per ANSI/ESDA/JEDEC JS-002, all pins.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Close attention to
PCB thermal design is required. θJA is the junction to ambient
thermal resistance, and θJCis the junction to case thermal
resistance.
Table 5. Thermal Resistance
Package Type
θJA1
θJC
Unit
CP-32-30
46
18
°C/W
1
Test Condition 1: thermal impedance simulated values are based on a JEDEC 2S2P
thermal test board with thermal vias. See JEDEC JESD51.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com