Electronic Components Datasheet Search
  English  ▼

X  

ADFS5758 Datasheet(PDF) 58 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 54Page - Analog Devices ADFS5758 Datasheet HTML 55Page - Analog Devices ADFS5758 Datasheet HTML 56Page - Analog Devices ADFS5758 Datasheet HTML 57Page - Analog Devices ADFS5758 Datasheet HTML 58Page - Analog Devices ADFS5758 Datasheet HTML 59Page - Analog Devices ADFS5758 Datasheet HTML 60Page - Analog Devices ADFS5758 Datasheet HTML 61Page - Analog Devices ADFS5758 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 58 of 75
User Gain Register
Address: 0x04, Reset: 0x04FFFF, Name: USER_GAIN
The 16-bit USER_GAIN register allows the user to adjust the gain of the DAC channel in steps of 1 LSB. The USER_GAIN register
coding is straight binary. The default code is 0xFFFF. In theory, the gain can be tuned across the full range of the output. In practice, the
maximum recommended gain trim is approximately 50% of the programmed range to maintain accuracy.
Table 32. Bit Descriptions for USER_GAIN
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:0]
USER_GAIN
User gain correction code.
0xFFFF
R/W
User Offset Register
Address: 0x05, Reset: 0x058000, Name: USER_OFFSET
The 16-bit USER_OFFSET register allows the user to adjust the offset of the DAC channel by −32,768 LSBs to +32,768 LSBs in steps of 1 LSB.
The USER_OFFSET register coding is straight binary. The default code is 0x8000, which results in zero offset programmed to the output.
Table 33. Bit Descriptions for USER_OFFSET
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:0]
USER_OFFSET
User offset correction code.
0x8000
R/W
DAC Configuration Register
Address: 0x06, Reset: 0x060C00, Name: DAC_CONFIG
This register configures the DAC (range, internal/external RSET, and output enable), enables the output stage circuitry, and configures the
slew rate control function.
Table 34. Bit Descriptions for DAC_CONFIG
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:13]
SR_STEP
Slew rate step. In conjunction with the slew rate clock, the slew rate step defines by
how much the output value changes at each update. Together, both parameters
define the rate of change of the output value.
0x0
R/W
000: 4 LSB (default).
001: 12 LSB.
010: 64 LSB.
011: 120 LSB.
100: 256 LSB.
101: 500 LSB.
110: 1820 LSB.
111: 2048 LSB.
[12:9]
SR_CLOCK
Slew rate clock. Slew rate clock defines the rate at which the digital slew is updated.
0x6
R/W
0000: 240 kHz.
0001: 200 kHz.
0010: 150 kHz.
0011: 128 kHz.
0100: 64 kHz.
0101: 32 kHz.
0110: 16 kHz (default).
0111: 8 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com