Electronic Components Datasheet Search
  English  ▼

X  

ADFS5758 Datasheet(PDF) 37 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 33Page - Analog Devices ADFS5758 Datasheet HTML 34Page - Analog Devices ADFS5758 Datasheet HTML 35Page - Analog Devices ADFS5758 Datasheet HTML 36Page - Analog Devices ADFS5758 Datasheet HTML 37Page - Analog Devices ADFS5758 Datasheet HTML 38Page - Analog Devices ADFS5758 Datasheet HTML 39Page - Analog Devices ADFS5758 Datasheet HTML 40Page - Analog Devices ADFS5758 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 37 of 75
To arrive at the absolute worst case overall TUE of the output
with a particular external RSET resistor, add the percentage
absolute error of the RSET resistor directly to the TUE of the
ADFS5758 with the external RSET resistor, shown in Table 1
(expressed in % FSR). The temperature coefficient also must
be considered, as well as the specifications of the external
reference, if this is the option being used in the system.
The magnitude of the error derived from simply summing the
absolute error and TC error of both the external RSET resistor and
the external reference with the TUE specification of the
ADFS5758 is unlikely to occur because the temperature
coefficients of the individual components are not likely to
exhibit the same drift polarity, and, therefore, an element of
cancelation occurs. For this reason, add the temperature
coefficients in a root of squares fashion. A further improvement
can be gained by performing a two-point calibration at zero
scale and full scale, thus reducing the absolute errors of the
voltage reference and the RSET resistor.
Current Output Open-Circuit Detection
When in current output mode, if the headroom available falls
below the compliance range due to an open-loop circuit or an
insufficient power supply voltage, the IOUT_OC_ERR flag in
the ANALOG_DIAG_RESULTS register is asserted, and the
FAULT pin goes low.
HART CONNECTIVITY
The ADFS5758 has a CHART pin, onto which a HART signal can
be coupled. The HART signal appears on the current output if
the HART_EN bit in the GP_CONFIG1 register is enabled and
the VIOUT output is also enabled.
Figure 79 shows the recommended circuit for attenuating
and coupling the HART signal to the ADFS5758. To achieve
1 mA p-p at the VIOUT pin, a signal of approximately 125 mV p-p is
required at the CHART pin. Note that the HART signal appearing
at the VIOUT pin is inverted relative to the signal input at the
CHART pin.
16-BIT
DAC
–
IOUT
RANGE
SCALING
HART_EN
IOUT
CHART
C1
C2
HART MODEM
OUTPUT
Figure 79. Coupling the HART Signal
As well as their use in attenuating the incoming HART modem
signal, a minimum capacitance of the combination of C1 and
C2 is required to ensure that the bandwidth presented to the
modem output signal passes the 1.2 kHz and 2.2 kHz frequencies.
Assuming a HART signal of 500 mV p-p, the recommended
values are C1 = 47 nF and C2 = 150 nF. Digitally controlling the
slew rate of the output is necessary to meet the analog rate of
change requirements for HART.
If the HART feature is not required, disable the HART_EN bit
and leave the CHART pin open circuit. However, if it is required
to slow the DAC output signal with a capacitor, the HART_EN
bit must be enabled and the required CSLEW capacitor connected
to the CHART pin.
DIGITAL SLEW RATE CONTROL
The slew rate control feature of the ADFS5758 allows the user
to control the rate at which the output value changes. This
feature is available in both current and voltage mode. With the
slew rate control feature disabled, the output value changes at a
rate limited by the output drive circuitry and the attached load.
To reduce the slew rate, enable the slew rate control feature.
With this feature enabled, the output steps digitally from one
value to the next at a rate defined by two parameters accessible
via the DAC_CONFIG register. The parameters are
SR_CLOCK and SR_STEP. SR_CLOCK defines the rate at
which the digital slew is updated. For example, if the selected
update rate is 8 kHz, the output updates every 125 µs. In
conjunction with SR_CLOCK, SR_STEP defines by how much
the output value changes at each update. Together, both
parameters define the rate of change of the output value.
The following equation describes the slew rate as a function of
the step size, the update clock frequency, and the LSB size:
Output Change
Slew Time
Step Size Slew Rate Frequency LSB Size
=
××
where:
Slew Time is expressed in seconds.
Output Change is expressed in amps for current output mode
or volts for voltage output mode.
Step Size is the LSB step size (for example, LSB = 20 mA
range/216).
Slew Rate Frequency is SR_CLOCK.
LSB Size is SR_STEP.
When the slew rate control feature is enabled, all output changes
occur at the programmed slew rate. For example, if the WDT
times out and an automatic clear occurs, the output slews to the
clear value at the programmed slew rate (setting the
CLEAR_NOW_EN bit in the GP_CONFIG1 register overrides
this default behavior to cause the output to update to the clear
code immediately rather than at the programmed slew rate).
The slew rate frequency for any given value is the same for all
output ranges. The step size, however, varies across output
ranges for a given value of step size because the LSB size is
different for each output range.
ADFS5758 ADDRESS PINS
The ADFS5758 address pins (AD0 and AD1) are used in
conjunction with the ADFS5758 address bits within the SPI
frame (see Table 12) to determine which ADFS5758 device is
being addressed by the system controller. Using the two
address pins, up to four devices can be independently
addressed on one board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com