Electronic Components Datasheet Search
  English  ▼

X  

ADFS5758 Datasheet(PDF) 51 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 47Page - Analog Devices ADFS5758 Datasheet HTML 48Page - Analog Devices ADFS5758 Datasheet HTML 49Page - Analog Devices ADFS5758 Datasheet HTML 50Page - Analog Devices ADFS5758 Datasheet HTML 51Page - Analog Devices ADFS5758 Datasheet HTML 52Page - Analog Devices ADFS5758 Datasheet HTML 53Page - Analog Devices ADFS5758 Datasheet HTML 54Page - Analog Devices ADFS5758 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 51 of 75
READING FROM REGISTERS
The ADFS5758 has four options for readback mode that can be
configured in the TWO_STAGE_READBACK_SELECT
register (see Table 45):
•
Two-stage readback
•
Autostatus readback
•
Shared SYNC autostatus readback
•
Echo mode
Two-Stage Readback Mode
Two-stage readback mode consists of a write to the TWO_
STAGE_READBACK_SELECT register to select the register
location to be read back, followed by a NOP command. To
perform a NOP command, write all zeros to Bits[D15:D0] of
the NOP register. During the NOP command, the contents of
the selected register are available on SDO in the format shown
in Table 24. It is also possible to write a new two-stage readback
command during the second frame such that the corresponding
new data is available on SDO in the subsequent frame (see
Figure 89). Bits[D31:D30] (or Bits[D23:D22], if SPI CRC is not
enabled) = 10 are used as part of the synchronization during
readback. The contents of the first write instruction (to the
TWO_STAGE_READBACK_SELECT register) is shown in
Table 25.
Table 24. SDO Contents for Read Operation
MSB
LSB
D23 to D22
D21
D20 to D16
D15 to D0
10
FAULT pin status
Register address
Data
Table 25. Reading from a Register (Using Two-Stage Readback Mode)
MSB
LSB
D23
D22
D21
D20
D19
D18
D17
D16
D15 to D5
D4 D3 D2 D1 D0
ADFS5758_AD1
ADFS5758_AD1
ADFS5758_AD0
0x13
Reserved
READBACK_SELECT[4:0]
SYNC
INPUT WORD SPECIFIES
REGISTER TO BE READ
*NOP
SDI
UNDEFINED
SELECTED REGISTER DATA
CLOCKED OUT
SDO
SCLK
24/
32
1
24/
32
1
*SELECTED REGISTER DATA
CLOCKED OUT
24/
32
1
2-STAGE READBACK
*ALTERNATIVELY COULD
WRITE ANOTHER
2-STAGE READBACK
NOP
Figure 89. Two-Stage Readback Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com