Electronic Components Datasheet Search
  English  ▼

X  

ADFS5758 Datasheet(PDF) 42 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 38Page - Analog Devices ADFS5758 Datasheet HTML 39Page - Analog Devices ADFS5758 Datasheet HTML 40Page - Analog Devices ADFS5758 Datasheet HTML 41Page - Analog Devices ADFS5758 Datasheet HTML 42Page - Analog Devices ADFS5758 Datasheet HTML 43Page - Analog Devices ADFS5758 Datasheet HTML 44Page - Analog Devices ADFS5758 Datasheet HTML 45Page - Analog Devices ADFS5758 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 42 of 75
USE OF KEY CODES
The use of key codes (via the key register) allows direct access
to functions while keeping the user configuration register space
locked as read only. This functionality is contained within one
register and allows multiple commands (see the Key Register
section for full details).
•
Initiate calibration memory refresh
•
Lock and unlock the user configuration register space.
•
Initiate a software reset.
•
Initiate a single ADC conversion.
•
Watchdog timer reset keys.
•
Recalculation of the background CRC diagnostic feature.
As well as enabling device access while the user configuration
register space is locked, using specific keys for initiating actions
such as a calibration memory refresh or a device reset provides
extra system robustness because it reduces the probability of
either of these tasks being initiated in error.
SOFTWARE RESET
A software reset requires two consecutive writes of 0x15FA and
0xAF51 to the key register. A device reset can be initiated via
the hardware RESET pin, the software reset keys, or automatically
after a WDT timeout (if configured to do so). The RESET_
OCCURRED bit in the DIGITAL_DIAG_RESULTS register is
set whenever the device is reset. This bit defaults to 1 on power-
up. Both of the diagnostic results registers implement a write 1 to
clear feature. That is, a 1 must be written to this bit to clear it (see
the Sticky Diagnostic Results Bits section).
CALIBRATION MEMORY CRC
For every calibration memory refresh cycle (which is initiated
via a key code write to the key register or automatically initiated
when the range bits, Bits[3:0] of the DAC_CONFIG register,
are changed), an automatic CRC is calculated on the contents
of the calibration memory shadow registers. The result of this
CRC is compared with the factory stored reference CRC value.
If the CRC values match, the read of the entire calibration
memory is considered valid. If they do not match, the CAL_
MEM_CRC_ERR bit in the DIGITAL_DIAG_RESULTS
register is set to 1. This feature is enabled by default and can
be disabled via the CAL_MEM_CRC_EN bit in the
DIGITAL_DIAG_CONFIG register.
While this calibration memory refresh cycle is active, two-stage
readback commands are permitted, but a write to any register
(other than the TWO_STAGE_READBACK_SELECT register
or the NOP register) causes the INVALID_SPI_ACCESS_ERR
bit in the DIGITAL_DIAG_RESULTS register to set. As described
in the Echo Mode section, a wait period of 500 µs is recommended
after a calibration memory refresh cycle is initiated.
BACKGROUND CRC CHECK
After the device powers up, it is possible for the user to initiate a
background CRC calculation of the combined calibration memory
and register configuration space. Note that such a background
CRC calculation is enabled only when the configuration space
is locked. Any attempt to initiate a CRC calculation when the
configuration space is unlocked is ignored. When the config-
uration space is locked (see the Lockable User Configuration
Space section), a CRC is automatically calculated in the back-
ground and stored as the ideal CRC value that all subsequent
background CRC calculations are compared to. The back-
ground CRC calculation takes approximately 6 µs to complete.
A CRC check is configured by setting the relevant bits in the
DIGITAL_DIAG_CONFIG register. There are three
approaches to enable such a CRC check, as follows:
•
Initiate a CRC recalculation upon issuing a specific key
(default).
•
Enable an autocheck of the CRC to be performed on
completion of any valid SPI frame.
•
Enable continuous monitor mode to continually
recalculate the CRC in the background when enabled.
INTERNAL OSCILLATOR DIAGNOSTICS
An internal frequency monitor uses the internal oscillator (MCLK)
to increment a 16-bit counter at a rate of 1 kHz (MCLK/10,000).
The value of the counter is available to be read in the FREQ_
MONITOR register. The user can poll this register periodically
and use it both as a diagnostic tool for the internal oscillator
(to monitor that the oscillator is running), and to measure the
frequency. This feature is enabled by default via the FREQ_
MON_EN bit in the DIGITAL_DIAG_CONFIG register.
In the event that the internal MCLK oscillator stops, the
ADFS5758 sends a specific code of 0x07DEAD to the SDO line
for every SPI frame. This feature is enabled by default and can
be disabled by clearing the OSC_STOP_DETECT_EN bit in the
GP_CONFIG1 register. Note that this feature is limited to the
maximum readback timing specifications as outlined in Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com