Electronic Components Datasheet Search
  English  ▼

X  

SSM6515 Datasheet(PDF) 32 Page - Analog Devices

Part # SSM6515
Description  Ultra Low Power, Class-D Audio Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6515 Datasheet(HTML) 32 Page - Analog Devices

Back Button SSM6515 Datasheet HTML 28Page - Analog Devices SSM6515 Datasheet HTML 29Page - Analog Devices SSM6515 Datasheet HTML 30Page - Analog Devices SSM6515 Datasheet HTML 31Page - Analog Devices SSM6515 Datasheet HTML 32Page - Analog Devices SSM6515 Datasheet HTML 33Page - Analog Devices SSM6515 Datasheet HTML 34Page - Analog Devices SSM6515 Datasheet HTML 35Page - Analog Devices SSM6515 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Data Sheet
SSM6515
REGISTER DETAILS: I2C REGISTER MAP
analog.com
Rev. 0 | 32 of 40
SERIAL AUDIO PORT SETTINGS REGISTER
Address: 0x0C, Reset: 0x00, Name: SPT_CTRL1
Table 29. Bit Descriptions for SPT_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
7
SPT_LRCLK_POL
Serial Port–Selects LRCLK Polarity.
0x0
R/W
0
Normal polarity.
1
Inverted polarity.
6
SPT_BCLK_POL
Serial Port–Selects BCLK Polarity.
0x0
R/W
0
Capture on rising edge.
1
Capture on falling edge.
[5:4]
SPT_SLOT_WIDTH
Serial Port–Selects TDM Slot Width.
0x0
R/W
00
32 BCLKs per slot.
01
16 BCLKs per slot.
10
24 BCLKs per slot.
[3:1]
SPT_DATA_FORMAT
Serial Port–Selects Data Format.
0x0
R/W
000
Typical I2S mode, delay by 1.
001
Left justified, delay by 0.
010
Delay by 8.
011
Delay by 12.
100
Delay by 16.
0
SPT_SAI_MODE
Serial Port–Selects Stereo or TDM Mode.
0x0
R/W
0
Stereo (I2S, left justified, right justified).
1
TDM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com