Electronic Components Datasheet Search
  English  ▼

X  

SSM6515 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM6515
Description  Ultra Low Power, Class-D Audio Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6515 Datasheet(HTML) 1 Page - Analog Devices

  SSM6515 Datasheet HTML 1Page - Analog Devices SSM6515 Datasheet HTML 2Page - Analog Devices SSM6515 Datasheet HTML 3Page - Analog Devices SSM6515 Datasheet HTML 4Page - Analog Devices SSM6515 Datasheet HTML 5Page - Analog Devices SSM6515 Datasheet HTML 6Page - Analog Devices SSM6515 Datasheet HTML 7Page - Analog Devices SSM6515 Datasheet HTML 8Page - Analog Devices SSM6515 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Data Sheet
SSM6515
Ultra Low Power, Class-D Audio Amplifier
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable and is provided “as is”. However, no responsibility is assumed
by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications
subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
FEATURES
►
Filterless digital input, mono differential output Class-D amplifier
with 3-level Σ-Δ modulation optimized for headphone drive
►
Operates from single 1.8 V supply
►
80 mW output power, 16 Ω load at <0.1% THD + N
►
2.57 μV rms noise, 113 dB A weighted signal-to-noise ratio and
dynamic range
►
0.003% THD + N at 30 mW, 1 kHz output 32 Ω load
►
I2C control with up to 4 pin selectable addresses or standalone
operation
►
Multiple serial data formats
►
TDM, I2S, or left justified slave
►
PDM input operating from 2.8224 MHz to 12.288 MHz
►
Support sample rates from 8 kHz to 768 kHz
►
3.9 μs latency with 6 MHz PDM input
►
Flexible digital gain adjustment
►
DC blocking high-pass filter with programmable corner frequency
►
1.55 mW typical idle power in high performance mode
►
Low power modes for reduced power consumption
►
Flexible output gain limiter and clipping
►
Auto power-down feature with zero digital input
►
Short-circuit protection
►
Pop and click suppression
►
User-selectable ultralow EMI emissions mode
►
Power-on reset
►
1.8 V PVDD supply
►
1.2 V to 1.8 V IOVDD supply
►
11-ball, 0.984 mm × 1.444 mm, 0.35 mm pitch WLCSP
APPLICATIONS
►
Wireless headphones
►
Active noise canceling headphones
►
Smartphone earpiece speakers
►
Hearing assistance devices
►
Portable electronics
GENERAL DESCRIPTION
The SSM6515 is a fully integrated, high efficiency, mono Class-D
audio amplifier with digital input that is ideally suited for use in
wireless headphones. The application circuit requires few external
components and operates from a 1.8 V (PVDD) supply and a 1.2 V
to 1.8 V (IOVDD) supply. With 1.8 V signaling, these can be shared.
It can deliver 85 mW of continuous output power into a 16 Ω load
with <1% total harmonic distortion plus noise (THD + N).
The SSM6515 features a high efficiency, low noise modulation
scheme that requires no external inductor/capacitor (LC) output
filters. This scheme continues to provide high efficiency even at
very low output power resulting in battery life savings compared
to conventional headphone amplifiers. The device operates with
> 90% efficiency at 55 mW into a 16 Ω load and it has a signal-to-
noise ratio (SNR) of 113 dB, A weighted. Spread spectrum, stable
common-mode pulse density modulation provides a much lower
electromagnetic interference (EMI) radiated emissions compared
with other Class-D architectures.
The digital input eliminates the need of an external digital-to-analog
converter (DAC). The SSM6515 has a micropower shutdown mode
with a typical shutdown current of 6 μA at the 1.8 V PVDD supply
and can automatically power down with no input. The device also
includes pop and click suppression circuitry that minimizes voltage
glitches at the output during turn on and turn off. Inputs support
various serial audio formats, including I2S, time division multiplexing
(TDM), and pulse density modulation (PDM).
The SSM6515 is designed to operate with an I2C control interface
or in standalone mode and specified over the temperature range
of −40°C to +85°C. The device has built-in output short-circuit
protection. The SSM6515 is available in a halide free, 11-ball, 0.984
mm × 1.444 mm, 0.35 mm pitch wafer-level chip scale package
(WLCSP).
Note that throughout this data sheet, multifunction pins are referred
to by the entire pin name or by a single function of the pin.
Analog Devices is in the process of updating documentation to provide terminology and language that is culturally appropriate. This is a process
with a wide scope and will be phased in as quickly as possible. Thank you for your patience.


Similar Part No. - SSM6515

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SSM60N10 ISC-SSM60N10 Datasheet
290Kb / 2P
isc N-Channel MOSFET Transistor
logo
Silicon Standard Corp.
SSM60T03GH SSC-SSM60T03GH Datasheet
623Kb / 5P
N-channel Enhancement-mode Power MOSFET
SSM60T03GJ SSC-SSM60T03GJ Datasheet
623Kb / 5P
N-channel Enhancement-mode Power MOSFET
SSM60T03GP SSC-SSM60T03GP Datasheet
391Kb / 5P
N-channel Enhancement-mode Power MOSFET
SSM60T03H SSC-SSM60T03H Datasheet
315Kb / 5P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
Rev 2.1
More results

Similar Description - SSM6515

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9705 MAXIM-MAX9705 Datasheet
2Mb / 20P
2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05
logo
Power Analog Micoelectr...
PAM8303D PAM-PAM8303D Datasheet
277Kb / 17P
Ultra Low EMI, 3W Filterless Mono Class-D Audio Power Amplifier
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
Class-D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9705 MAXIM-MAX9705_09 Datasheet
477Kb / 18P
2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
logo
Texas Instruments
LM48413 TI1-LM48413_14 Datasheet
782Kb / 23P
Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier
logo
Diodes Incorporated
PAM8303C DIODES-PAM8303C Datasheet
775Kb / 17P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
logo
Texas Instruments
LM48411 TI1-LM48411 Datasheet
875Kb / 22P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier
logo
Diodes Incorporated
PAM8303C DIODES-PAM8303C_18 Datasheet
791Kb / 16P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 2
PAM8303D DIODES-PAM8303D Datasheet
516Kb / 16P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
logo
Maxim Integrated Produc...
MAX9773 MAXIM-MAX9773 Datasheet
603Kb / 21P
1.8W, Filterless, Ultra-Low EMI, Stereo Class D Audio Power Amplifier
19-3976; Rev 0; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com