Electronic Components Datasheet Search
  English  ▼

X  

SSM6515 Datasheet(PDF) 14 Page - Analog Devices

Part # SSM6515
Description  Ultra Low Power, Class-D Audio Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6515 Datasheet(HTML) 14 Page - Analog Devices

Back Button SSM6515 Datasheet HTML 10Page - Analog Devices SSM6515 Datasheet HTML 11Page - Analog Devices SSM6515 Datasheet HTML 12Page - Analog Devices SSM6515 Datasheet HTML 13Page - Analog Devices SSM6515 Datasheet HTML 14Page - Analog Devices SSM6515 Datasheet HTML 15Page - Analog Devices SSM6515 Datasheet HTML 16Page - Analog Devices SSM6515 Datasheet HTML 17Page - Analog Devices SSM6515 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Data Sheet
SSM6515
THEORY OF OPERATION
analog.com
Rev. 0 | 14 of 40
OVERVIEW
The SSM6515 Class-D audio amplifier features a filterless, com-
mon-mode stable modulation scheme that reduces the external
component count, conserving board space and reducing system
cost. The SSM6515 does not require an output filter. It relies on
the inherent inductance of the speaker coil and the natural filtering
of the speaker and human ear to recover the audio component
of the square wave output. Most Class-D amplifiers use some
variation of pulse-width modulation (PWM), but the SSM6515 uses
Σ-Δ pulse-density modulation to determine the switching pattern of
the output devices, resulting in a number of important benefits. Σ-Δ
modulation reduces the amplitude of spectral components at high
frequencies, reducing EMI emission that can otherwise be radiated
by speakers and cable traces. In addition, the SSM6515 maintains
a stable common-mode output voltage that further reduces power
consumption, EMI, and filtering needed compared to other filterless
Class-D topologies.
The SSM6515 also integrates overcurrent protection that can be
disabled for lower power consumption. Overtemperature warnings
and protection are also integrated.
The SSM6515 supports two main modes of operation with control
and data supplied through the I2C and TDM/I2S ports (see Table
11) or PDM interface. A standalone mode of operation without I2C
control is also supported.
POWER SUPPLIES
PVDD is used for the main output stage, DAC, and Class-D modu-
lator. It is also used to generate a lower voltage purely internal core
supply.
IOVDD is used for the input signaling to set the high and low
voltage thresholds.
ADDR PIN SETUP AND CONTROL
The SSM6515 supports I2C control. The ADDR pin can be set to
four different levels: pulled to GND, pulled up to PVDD via a 47 kΩ
resistor, pulled down to ground via a 47 kΩ resistor, or left open.
The state of the ADDR pin determines the I2C device address or
if the device is in standalone mode. By default, in I2C mode, the
device uses the BCLK, FSYNC, and SDATAI pins for TDM/I2S data.
Alternatively, the device can be set to receive PDM data by setting
the PDM_MODE register bit field. See Table 11 for setting up the
desired mode.
Table 10. I2C Address Selection
ADDR Pin Connection
Control Port Mode
I2C Address
GND
I2C
0x34
Pull Down with 47 kΩ to GND
I2C
0x35
Open
I2C
0x36
Pull Up with 47 kΩ to PVDD
I2C
0x37
PVDD
Standalone mode
Not applicable
Table 11. Serial Port Mode Setup for I2S, TDM, and PDM
Serial Port Mode
Description
Pin Usage
BCLK Pin
FSYNC Pin
SDATAI Pin
I2S/TDM
Sets the device into default I2S/TDM mode
Bit clock input
Frame clock input
Data input I2S/TDM format
PDM
Set the PDM_MODE bit to 1 in Register 0x06
PDM clock input
Tie to GND
Data input PDM format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com