Electronic Components Datasheet Search
  English  ▼

X  

SSM6515 Datasheet(PDF) 8 Page - Analog Devices

Part # SSM6515
Description  Ultra Low Power, Class-D Audio Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6515 Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM6515 Datasheet HTML 4Page - Analog Devices SSM6515 Datasheet HTML 5Page - Analog Devices SSM6515 Datasheet HTML 6Page - Analog Devices SSM6515 Datasheet HTML 7Page - Analog Devices SSM6515 Datasheet HTML 8Page - Analog Devices SSM6515 Datasheet HTML 9Page - Analog Devices SSM6515 Datasheet HTML 10Page - Analog Devices SSM6515 Datasheet HTML 11Page - Analog Devices SSM6515 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Data Sheet
SSM6515
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 8 of 40
Absolute maximum ratings apply at 25°C, unless otherwise noted.
Table 6.
Parameter
Rating
PVDD Supply Voltage
−0.3 V to +1.98 V
BCLK, FSYNC, ADDR, SDATAI, SCL, SDA, and
ADDR Input Voltage
−0.3 V to +1.98 V
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature Range
−65°C to +165°C
Lead Temperature (Soldering, 60 sec)
300°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required. θJA and θJB are determined according to
JESD51-9 on a 4-layer PCB with natural convection cooling.
Table 7. Thermal Resistance
Package Type
θJA1
θJB1
Unit
CB-11-3
79.87
13.26
°C/W
1 Thermal impedance simulated values are based on JEDEC2S2P thermal test
board with two thermal vias. See JEDEC JESD51.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
ESD Ratings for SSM6515
Table 8. SSM6515, 11-Ball WLCSP
ESD Model
Withstand Threshold (V)
Class
HBM
±1500
1C
ESD CAUTION
ESD (electrostatic discharge) sensitive device.
Charged devices and circuit boards can discharge without
detection. Although this product features patented or proprietary
protection circuitry, damage may occur on devices subjected to
high energy ESD. Therefore, proper ESD precautions should be
taken to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com