Electronic Components Datasheet Search
  English  ▼

X  

SSM6515 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM6515
Description  Ultra Low Power, Class-D Audio Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6515 Datasheet(HTML) 4 Page - Analog Devices

  SSM6515 Datasheet HTML 1Page - Analog Devices SSM6515 Datasheet HTML 2Page - Analog Devices SSM6515 Datasheet HTML 3Page - Analog Devices SSM6515 Datasheet HTML 4Page - Analog Devices SSM6515 Datasheet HTML 5Page - Analog Devices SSM6515 Datasheet HTML 6Page - Analog Devices SSM6515 Datasheet HTML 7Page - Analog Devices SSM6515 Datasheet HTML 8Page - Analog Devices SSM6515 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Data Sheet
SSM6515
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 40
PVDD = 1.8 V, RL = 16 Ω + 33 μH, BCLK = 3.072 MHz, FSYNC = 48 kHz, −40°C to +85°C, AMP_LPM = 0, and DAC_PWR_MODE = 1, unless
otherwise noted. The measurements are taken with a 20 kHz AES17 low-pass filter. The other load impedances used are 8 Ω + 15 μH and 32
Ω + 33 μH.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DEVICE CHARACTERISTICS
Differential operation
Full-Scale Output Voltage
0 dBFS to DAC, 16 Ω Load
1.15
V rms
Dynamic Range1
DNR
20 Hz to 20 kHz, −60 dB input
With A Weighted Filter (RMS)
113
dB
With Flat 20 Hz to 20 kHz Filter
110
dB
SNR2
SNR
20 Hz to 20 kHz
With A Weighted Filter (RMS)
113
dB
With Flat 20 Hz to 20 kHz Filter
110
dB
Output Noise
20 Hz to 20 kHz
With A Weighted Filter (RMS)
2.57
μV rms
THD + N Level
−2 dBFS, AMP_LPM = 0, DAC_PWR_MODE = 1
−90
dBV
−2 dBFS, AMP_LPM = 1, DAC_PWR_MODE = 2
−81
dBV
THD + N Ratio
32 Ω Load
POUT = 30 mW
0.003
%
POUT = 1 mW
0.007
%
24 Ω Load
POUT = 40 mW
0.003
%
16 Ω Load
POUT = 60 mW
0.003
%
8 Ω Load
POUT = 120 mW
0.004
%
Headphone Output Power
POUT
32 Ω Load
<0.1% THD + N
40
mW
24 Ω Load
<0.1% THD + N
54
mW
16 Ω Load
<0.1% THD + N
80
mW
8 Ω Load
<0.1% THD + N
160
mW
Gain Error
±2.5
%
DC Offset
VOOS
±0.1
mV
Pop-Click Level
A weighted, peak
0.5
mVp
Resistive Load
6
Ω
Load Inductance
5
μH
Common-Mode Output Capacitance
Capacitance from OUTx to GND or PVDD
470
pF
Power Efficiency
η
From PVDD supply into 16 Ω, 60 mW
90
%
Power Supply Rejection Ratio (PSRR)
100 mV p-p at 1 kHz
90
dB
100 mV p-p at 10 kHz
72
dB
Input to Output Delay
I2S Mode
fS = 48 kHz
49.4
μs
fS = 96 kHz
22.4
μs
fS = 192 kHz
11.9
μs
PDM Mode
fS = 3.072 MHz, PDM_FILT = 0, DAC_PWR_MODE = 0/1
15.1
μs
fS = 3.072 MHz, PDM_FILT = 1, DAC_PWR_MODE = 0/1
8.7
μs
fS = 3.072 MHz, PDM_FILT = 2, DAC_PWR_MODE = 0/1
7.5
μs
fS = 6.144 MHz, PDM_FILT = 0, DAC_PWR_MODE = 0/1
14.4
μs
fS = 6.144 MHz, PDM_FILT = 1, DAC_PWR_MODE = 0/1
4.6
μs
fS = 6.144 MHz, PDM_FILT = 2, DAC_PWR_MODE = 0/1
3.9
μs
fS = 6.144 MHz, PDM_FILT = 1, DAC_PWR_MODE = 2
5.9
μs
fS = 6.144 MHz, PDM_FILT = 2, DAC_PWR_MODE = 2
5.2
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com