Electronic Components Datasheet Search
  English  ▼

X  

SSM6515 Datasheet(PDF) 11 Page - Analog Devices

Part # SSM6515
Description  Ultra Low Power, Class-D Audio Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6515 Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM6515 Datasheet HTML 7Page - Analog Devices SSM6515 Datasheet HTML 8Page - Analog Devices SSM6515 Datasheet HTML 9Page - Analog Devices SSM6515 Datasheet HTML 10Page - Analog Devices SSM6515 Datasheet HTML 11Page - Analog Devices SSM6515 Datasheet HTML 12Page - Analog Devices SSM6515 Datasheet HTML 13Page - Analog Devices SSM6515 Datasheet HTML 14Page - Analog Devices SSM6515 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Data Sheet
SSM6515
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 11 of 40
Figure 12. THD + N Ratio vs. Frequency, AMP_LPM = 0, RLOAD = 16 Ω
Figure 13. THD + N Ratio vs. Frequency, AMP_LPM = 1, RLOAD = 16 Ω
Figure 14. THD + N Ratio vs. Frequency, AMP_LPM = 0, RLOAD = 24 Ω
Figure 15. THD + N Ratio vs. Frequency, AMP_LPM = 1, RLOAD = 24 Ω
Figure 16. THD + N Ratio vs. Frequency, AMP_LPM = 0, RLOAD = 32 Ω
Figure 17. THD + N Ratio vs. Frequency, AMP_LPM = 1, RLOAD = 32 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com