Electronic Components Datasheet Search
  English  ▼

X  

SSM6515 Datasheet(PDF) 23 Page - Analog Devices

Part # SSM6515
Description  Ultra Low Power, Class-D Audio Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6515 Datasheet(HTML) 23 Page - Analog Devices

Back Button SSM6515 Datasheet HTML 19Page - Analog Devices SSM6515 Datasheet HTML 20Page - Analog Devices SSM6515 Datasheet HTML 21Page - Analog Devices SSM6515 Datasheet HTML 22Page - Analog Devices SSM6515 Datasheet HTML 23Page - Analog Devices SSM6515 Datasheet HTML 24Page - Analog Devices SSM6515 Datasheet HTML 25Page - Analog Devices SSM6515 Datasheet HTML 26Page - Analog Devices SSM6515 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Data Sheet
SSM6515
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 23 of 40
Figure 40 shows the typical application for a single channel using
I2S/TDM input and I2C control. The PVDD voltage is supplied exter-
nally.
The digital input data can be 2-channel I2S or multichannel TDM
format, and the desired format must be selected in the SAI control
registers. Refer to the Pulse Code Modulation (PCM) Digital Audio
Serial Interface section for more details. Alternatively, the input can
be 1-bit PDM data (see the PDM Operating Mode section).
On power-up, the device stays in power-down unless in standalone
mode. To enable the amplifier, the SPWDN bit must be set to 0.
Once this bit is set to 0, the amplifier turns on and the output starts
switching.
The device can be reset to default settings by writing 1 to the
SOFT_FULL_RST. The device can be reset while maintaining reg-
ister settings by writing 1 to SOFT_RST.
By default, the high-pass filter is disabled for the lowest power con-
sumption and lowest latency. The high-pass filter can be enabled by
setting the DAC_HPF_EN register to 1.
The fault status register, 0x13, can be read to check for any fault
conditions during operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com