Electronic Components Datasheet Search
  English  ▼

X  

SSM6515 Datasheet(PDF) 17 Page - Analog Devices

Part # SSM6515
Description  Ultra Low Power, Class-D Audio Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6515 Datasheet(HTML) 17 Page - Analog Devices

Back Button SSM6515 Datasheet HTML 13Page - Analog Devices SSM6515 Datasheet HTML 14Page - Analog Devices SSM6515 Datasheet HTML 15Page - Analog Devices SSM6515 Datasheet HTML 16Page - Analog Devices SSM6515 Datasheet HTML 17Page - Analog Devices SSM6515 Datasheet HTML 18Page - Analog Devices SSM6515 Datasheet HTML 19Page - Analog Devices SSM6515 Datasheet HTML 20Page - Analog Devices SSM6515 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Data Sheet
SSM6515
THEORY OF OPERATION
analog.com
Rev. 0 | 17 of 40
The amount of filtering on the PDM signal, and consequently the
input to output delay, is adjusted via the PDM_FILT register.
DIGITAL GAIN AND HIGH-PASS FILTER
There is a digital gain volume control in the DAC_VOL register
that provides fine control in 0.375 dB steps from −70 dB to +24
dB. The volume control can be bypassed to save additional power.
The volume control is bypassed by default. The DAC_VOL_MODE
setting is used to bypass the volume control with fixed gain of
either 0 dB or 6 dB or can enable the full selectable gain volume
control. Note that any DAC_VOL_MODE setting made after this
point overrides the fixed gain setting.
By default, the volume control ramps at a rate of 4.5 dB/ms
and only updates to a new value after a zero crossing. The soft
ramping can be disabled by setting DAC_HARD_VOL to 1. The
zero crossing can be disabled such that the volume control change
is instantaneous by setting DAC_VOL_ZC to 0.
Optional dc blocking is available and can be enabled via the
DAC_HPF_EN register. By default, this filter is disabled for lowest
power consumption. The corner frequency of this filter is variable
and can be set via the DAC_HPF_FC register.
OUTPUT LIMITER AND CLIPPER
The SSM6515 includes a digital output limiter. The limiter follows
the digital volume control in the signal chain. Therefore, the limiter
accounts for the gain setting of the volume control. By default, this
limiter is disabled to save power. It can be enabled by setting the
LIM_EN bit in the power control register to 1.
This is a peak limiter and its threshold to which it limits the output
is variable and set via the LIM_THRES register. Both the rate at
which the gain is reduced (the attack rate) and the rate at which the
gain is increased (the release rate) are determined by the LIM_RRT
register and LIM_ATR register, respectively.
For example, the limiter threshold is set to 0 dB by default. This
setting corresponds to 0 dB full-scale output, which is typically 1.15
V rms with 0 dBFS input at 1.8 V PVDD. If the volume control is
set to 0 dB and the limiter threshold is set to −10 dB, the limiter
activates at and above −10 dBFS input. That is, the output is limited
to −10 dB full scale (0.363 V rms).
If the volume control is set to 3 dB gain, the limiter activates at and
above −13 dBFS input, and the output is limited to −10 dB full scale
(0.363 V rms).
The SSM6515 output can also be digitally clipped, if desired, at a
level below the full-scale output. Clipping is symmetrical on both
the positive and negative output swings. The level at which clipping
occurs is determined by the DAC_HF_CLIP register. By default, the
clipper is set to 0 dB, which corresponds to no digital clipping.
The limiter block also offers the attack and release rate controls.
The attack rate is defined in μs/dB, whereas the release rate is
defined in ms/dB. For example, the attack rate determines the
attack time required for the limiter to start limiting the output when
above a set threshold. If the limiter threshold is set to −10 dB, with
an attack rate of 120 μs/dB and a release rate of 1600 ms/dB, and
the signal exceeds 5 dB above threshold or −5 dBFS, the limiter
takes approximately 120 μs/dB × 5 dB = 600 μs to start limiting the
output to −10 dB full scale. Similarly, the release rate determines
if the limiter releases the gain reduction when the input level falls
below the set threshold, such as −15 dBFS. Therefore, the limiter
releases the output in 1600 ms/dB × 5 dB = 8 sec to −15 dB full
scale.
Figure 30. Output Reference to Full Scale vs. Input, 0 dB Gain
Figure 31. Output Reference to Full Scale vs. Input, 3 dB Gain
FAULTS AND STATUS
The SSM6515 includes fault detection, protection, and status
reporting for amplifier over current fault, overtemperature fault,
and PVDD undervoltage fault. The device also detects and status
reports incorrect clocking ratios, incorrect serial port inputs, and an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com