Electronic Components Datasheet Search
  English  ▼

X  

SSM6515 Datasheet(PDF) 40 Page - Analog Devices

Part # SSM6515
Description  Ultra Low Power, Class-D Audio Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6515 Datasheet(HTML) 40 Page - Analog Devices

Back Button SSM6515 Datasheet HTML 32Page - Analog Devices SSM6515 Datasheet HTML 33Page - Analog Devices SSM6515 Datasheet HTML 34Page - Analog Devices SSM6515 Datasheet HTML 35Page - Analog Devices SSM6515 Datasheet HTML 36Page - Analog Devices SSM6515 Datasheet HTML 37Page - Analog Devices SSM6515 Datasheet HTML 38Page - Analog Devices SSM6515 Datasheet HTML 39Page - Analog Devices SSM6515 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
Data Sheet
SSM6515
OUTLINE DIMENSIONS
©2022 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Rev. 0 | 40 of 40
Figure 41. 11-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-11-3)
Dimensions shown in millimeters
Updated: March 03, 2022
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
Marking Code
SSM6515BCBZRL
-40°C to +85°C
CHIPS W/SOLDER BUMPS/WLCSP
Reel, 10000
CB-11-3
Y7V
SSM6515BCBZRL7
-40°C to +85°C
CHIPS W/SOLDER BUMPS/WLCSP
Reel, 3000
CB-11-3
Y7V
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Table 38.
Model
Description
EVAL-SSM6515Z
Evaluation Board
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com