Electronic Components Datasheet Search
  English  ▼

X  

SSM6515 Datasheet(PDF) 29 Page - Analog Devices

Part # SSM6515
Description  Ultra Low Power, Class-D Audio Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6515 Datasheet(HTML) 29 Page - Analog Devices

Back Button SSM6515 Datasheet HTML 25Page - Analog Devices SSM6515 Datasheet HTML 26Page - Analog Devices SSM6515 Datasheet HTML 27Page - Analog Devices SSM6515 Datasheet HTML 28Page - Analog Devices SSM6515 Datasheet HTML 29Page - Analog Devices SSM6515 Datasheet HTML 30Page - Analog Devices SSM6515 Datasheet HTML 31Page - Analog Devices SSM6515 Datasheet HTML 32Page - Analog Devices SSM6515 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
Data Sheet
SSM6515
REGISTER DETAILS: I2C REGISTER MAP
analog.com
Rev. 0 | 29 of 40
Table 24. Bit Descriptions for DAC_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
0011
24 kHz sample rate.
0100
32 kHz sample rate.
0101
44.1 kHz to 48 kHz sample rates.
0110
88.2 kHz to 96 kHz sample rates.
0111
176.4 kHz to 192 kHz sample rates.
1000
384 kHz sample rate.
1001
768 kHz sample rate.
DAC MUTE AND VOLUME OPTIONS REGISTER
Address: 0x08, Reset: 0x13, Name: DAC_CTRL2
Table 25. Bit Descriptions for DAC_CTRL2
Bits
Bit Name
Settings
Description
Reset
Access
7
DAC_INVERT
DAC Signal Phase Inversion Enable.
0x0
R/W
0
No phase inversion in DAC.
1
DAC inverts signal phase 180°.
6
DAC_PERF_MODE
DAC High Performance Mode Enable.
0x0
R/W
0
Normal operation.
1
DAC high performance mode enabled.
5
DAC_HARD_VOL
DAC Hard Volume.
0x0
R/W
0
Soft volume ramping.
1
Hard/immediate volume change.
4
DAC_VOL_ZC
DAC Volume Zero Crossing Control.
0x1
R/W
0
Volume change occurs at any time.
1
Volume change occurs only at zero crossing.
3
DAC_MORE_FILT
DAC Additional Filtering.
0x0
R/W
0
Normal operation.
1
Additional interpolation filtering. Small increase in latency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com