Electronic Components Datasheet Search
  English  ▼

X  

SSM6515 Datasheet(PDF) 34 Page - Analog Devices

Part # SSM6515
Description  Ultra Low Power, Class-D Audio Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6515 Datasheet(HTML) 34 Page - Analog Devices

Back Button SSM6515 Datasheet HTML 30Page - Analog Devices SSM6515 Datasheet HTML 31Page - Analog Devices SSM6515 Datasheet HTML 32Page - Analog Devices SSM6515 Datasheet HTML 33Page - Analog Devices SSM6515 Datasheet HTML 34Page - Analog Devices SSM6515 Datasheet HTML 35Page - Analog Devices SSM6515 Datasheet HTML 36Page - Analog Devices SSM6515 Datasheet HTML 37Page - Analog Devices SSM6515 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Data Sheet
SSM6515
REGISTER DETAILS: I2C REGISTER MAP
analog.com
Rev. 0 | 34 of 40
Table 30. Bit Descriptions for SPT_CTRL2
Bits
Bit Name
Settings
Description
Reset
Access
11101
Slot 30 (TDM).
11110
Slot 31 (TDM).
11111
Slot 32 (TDM).
AMPLIFIER CONTROLS REGISTER
Address: 0x0E, Reset: 0x14, Name: AMP_CTRL
Table 31. Bit Descriptions for AMP_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
R
4
OCP_EN
Amplifier Overcurrent Protection Enable.
0x1
R/W
0
Overcurrent protection disabled.
1
Overcurrent protection enabled.
[3:2]
AMP_RLOAD
Headphone Amplifier Resistive Load Selection.
0x1
R/W
00
8 Ω headphone amplifier resistive load.
01
16 Ω headphone amplifier resistive load.
10
24 Ω headphone amplifier resistive load.
11
32 Ω or higher headphone amplifier resistive load.
1
EMI_MODE
EMI Mode.
0x0
R/W
0
Normal operation.
1
Low EMI mode.
0
AMP_LPM
Headphone Amplifier Low Power Mode Enable.
0x0
R/W
0
Headphone amplifier low power mode off.
1
Headphone amplifier low power mode on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com