Electronic Components Datasheet Search
  English  ▼

X  

SSM6515 Datasheet(PDF) 28 Page - Analog Devices

Part # SSM6515
Description  Ultra Low Power, Class-D Audio Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6515 Datasheet(HTML) 28 Page - Analog Devices

Back Button SSM6515 Datasheet HTML 24Page - Analog Devices SSM6515 Datasheet HTML 25Page - Analog Devices SSM6515 Datasheet HTML 26Page - Analog Devices SSM6515 Datasheet HTML 27Page - Analog Devices SSM6515 Datasheet HTML 28Page - Analog Devices SSM6515 Datasheet HTML 29Page - Analog Devices SSM6515 Datasheet HTML 30Page - Analog Devices SSM6515 Datasheet HTML 31Page - Analog Devices SSM6515 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Data Sheet
SSM6515
REGISTER DETAILS: I2C REGISTER MAP
analog.com
Rev. 0 | 28 of 40
Table 23. Bit Descriptions for PDM_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[5:4]
PDM_FILT
PDM Input Filtering Control.
0x2
R/W
00
Highest filtering. Highest latency.
01
Medium filtering. Medium latency.
10
Lowest filtering. Lowest latency.
3
PDM_CHAN_SEL
PDM Channel Select.
0x0
R/W
0
PDM rising edge channel used.
1
PDM falling edge channel used.
[2:1]
PDM_FS
PDM Sample Rate Selection.
0x0
R/W
00
5.6448 MHz to 6.144 MHz clock in PDM mode.
01
2.8224 MHz to 3.072 MHz clock in PDM mode.
10
11.2896 MHz to 12.288 MHz clock in PDM mode.
0
PDM_MODE
PDM or PCM Input Mode.
0x0
R/W
0
Normal PCM/SAI operation.
1
PDM used for input.
DAC SAMPLE RATE, POWER MODES, FILTERING CONTROLS REGISTER
Address: 0x07, Reset: 0x15, Name: DAC_CTRL1
Table 24. Bit Descriptions for DAC_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
DAC_IBIAS
DAC Bias Control.
0x0
R/W
0
Normal operation.
1
Power saving.
10
Improved performance.
11
Reserved.
[5:4]
DAC_PWR_MODE
DAC Power Mode.
0x1
R/W
00
No power savings.
01
Power savings mode.
10
Most power savings mode (1 μs additional latency).
[3:0]
DAC_FS
DAC Path Sample Rate Selection.
0x5
R/W
0000
8 kHz sample rate.
0001
12 kHz sample rate.
0010
16 kHz sample rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com