Electronic Components Datasheet Search
  English  ▼

X  

SSM6515 Datasheet(PDF) 27 Page - Analog Devices

Part # SSM6515
Description  Ultra Low Power, Class-D Audio Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6515 Datasheet(HTML) 27 Page - Analog Devices

Back Button SSM6515 Datasheet HTML 23Page - Analog Devices SSM6515 Datasheet HTML 24Page - Analog Devices SSM6515 Datasheet HTML 25Page - Analog Devices SSM6515 Datasheet HTML 26Page - Analog Devices SSM6515 Datasheet HTML 27Page - Analog Devices SSM6515 Datasheet HTML 28Page - Analog Devices SSM6515 Datasheet HTML 29Page - Analog Devices SSM6515 Datasheet HTML 30Page - Analog Devices SSM6515 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Data Sheet
SSM6515
REGISTER DETAILS: I2C REGISTER MAP
analog.com
Rev. 0 | 27 of 40
Table 22. Bit Descriptions for CLK_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
BCLK_RATE
BCLK Clock Rate Selection.
0x0
R/W
00000
Automatic BCLK rate detection.
00001
Refer to the Pulse Code Modulation (PCM) Digital Audio Serial Interface section.
00010
Refer to the Pulse Code Modulation (PCM) Digital Audio Serial Interface section.
00011
Refer to the Pulse Code Modulation (PCM) Digital Audio Serial Interface section.
00100
Refer to the Pulse Code Modulation (PCM) Digital Audio Serial Interface section.
00101
Refer to the Pulse Code Modulation (PCM) Digital Audio Serial Interface section.
00110
Refer to the Pulse Code Modulation (PCM) Digital Audio Serial Interface section.
00111
Refer to the Pulse Code Modulation (PCM) Digital Audio Serial Interface section.
01000
Refer to the Pulse Code Modulation (PCM) Digital Audio Serial Interface section.
01001
Refer to the Pulse Code Modulation (PCM) Digital Audio Serial Interface section.
01010
Refer to the Pulse Code Modulation (PCM) Digital Audio Serial Interface section.
01011
Refer to the Pulse Code Modulation (PCM) Digital Audio Serial Interface section.
01100
Refer to the Pulse Code Modulation (PCM) Digital Audio Serial Interface section.
01101
Refer to the Pulse Code Modulation (PCM) Digital Audio Serial Interface section.
01110
Refer to the Pulse Code Modulation (PCM) Digital Audio Serial Interface section.
01111
Refer to the Pulse Code Modulation (PCM) Digital Audio Serial Interface section.
10000
Refer to the Pulse Code Modulation (PCM) Digital Audio Serial Interface section.
10001
Refer to the Pulse Code Modulation (PCM) Digital Audio Serial Interface section.
PDM CONTROL REGISTER
Address: 0x06, Reset: 0x20, Name: PDM_CTRL
Table 23. Bit Descriptions for PDM_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
7
PDM_PHASE_SEL
PDM Phase Select.
0x0
R/W
0
Fall-rise channel pair is in phase.
1
Rise-fall channel pair is in phase.
6
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com