Electronic Components Datasheet Search
  English  ▼

X  

ILPS22QS Datasheet(PDF) 44 Page - STMicroelectronics

Part # ILPS22QS
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QS Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ILPS22QS Datasheet HTML 40Page - STMicroelectronics ILPS22QS Datasheet HTML 41Page - STMicroelectronics ILPS22QS Datasheet HTML 42Page - STMicroelectronics ILPS22QS Datasheet HTML 43Page - STMicroelectronics ILPS22QS Datasheet HTML 44Page - STMicroelectronics ILPS22QS Datasheet HTML 45Page - STMicroelectronics ILPS22QS Datasheet HTML 46Page - STMicroelectronics ILPS22QS Datasheet HTML 47Page - STMicroelectronics ILPS22QS Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
9.15
RPDS_H (1Bh)
Pressure offset (MSB data)
7
6
5
4
3
2
1
0
RPDS15
RPDS14
RPDS13
RPDS12
RPDS11
RPDS10
RPDS9
RPDS8
RPDS[15:8]
This register contains the high part of the pressure offset value.
Default value: 00000000
9.16
INT_SOURCE (24h)
Interrupt source (read only) register for differential pressure. A read at this address clears the INT_SOURCE
register itself.
7
6
5
4
3
2
1
0
BOOT_ON
0
0
0
0
IA
PL
PH
BOOT_ON
Indication that Boot (reboot) phase is running.
(0: boot phase not running; 1: boot phase is running)
IA
Interrupt active.
(0: no interrupt has been generated;
1: one or more interrupt events have been generated).
PL
Differential pressure Low.
(0: no interrupt has been generated;
1: low differential pressure event has occurred).
PH
Differential pressure High.
(0: no interrupt has been generated;
1: high differential pressure event has occurred).
9.17
FIFO_STATUS1 (25h)
FIFO status register (read only)
7
6
5
4
3
2
1
0
FSS7
FSS6
FSS5
FSS4
FSS3
FSS2
FSS1
FSS0
FSS[7:0]
FIFO stored data level, number of unread samples stored in FIFO.
(00000000: FIFO empty; 10000000: FIFO full, 128 unread samples)
ILPS22QS
RPDS_H (1Bh)
DS13431 - Rev 3
page 44/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com