Electronic Components Datasheet Search
  English  ▼

X  

ILPS22QS Datasheet(PDF) 20 Page - STMicroelectronics

Part # ILPS22QS
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QS Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ILPS22QS Datasheet HTML 16Page - STMicroelectronics ILPS22QS Datasheet HTML 17Page - STMicroelectronics ILPS22QS Datasheet HTML 18Page - STMicroelectronics ILPS22QS Datasheet HTML 19Page - STMicroelectronics ILPS22QS Datasheet HTML 20Page - STMicroelectronics ILPS22QS Datasheet HTML 21Page - STMicroelectronics ILPS22QS Datasheet HTML 22Page - STMicroelectronics ILPS22QS Datasheet HTML 23Page - STMicroelectronics ILPS22QS Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
5.5
Bypass-to-continuous (dynamic-stream) mode
In bypass-to-continuous (dynamic-stream) mode, (FIFO_CTRL (14h)(TRIG_MODES and F_MODE[1:0] = 110),
FIFO operates in bypass mode until it switches to continuous (dynamic-stream) mode behavior when
INT_SOURCE (24h)(IA) rises to 1, then FIFO behavior keeps behaving like in continuous (dynamic-stream)
mode.
An interrupt generator has to be set to the desired configuration through INTERRUPT_CFG (0Bh).
Figure 12. Bypass-to-continuous (dynamic-stream) mode
P1
P2
Pi
empty
P0
P127
P1
P2
Pi
P0
P127
Bypass mode
Dynamic-stream mode
Trigger event
P126
ILPS22QS
Bypass-to-continuous (dynamic-stream) mode
DS13431 - Rev 3
page 20/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com