Electronic Components Datasheet Search
  English  ▼

X  

ILPS22QS Datasheet(PDF) 27 Page - STMicroelectronics

Part # ILPS22QS
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QS Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ILPS22QS Datasheet HTML 23Page - STMicroelectronics ILPS22QS Datasheet HTML 24Page - STMicroelectronics ILPS22QS Datasheet HTML 25Page - STMicroelectronics ILPS22QS Datasheet HTML 26Page - STMicroelectronics ILPS22QS Datasheet HTML 27Page - STMicroelectronics ILPS22QS Datasheet HTML 28Page - STMicroelectronics ILPS22QS Datasheet HTML 29Page - STMicroelectronics ILPS22QS Datasheet HTML 30Page - STMicroelectronics ILPS22QS Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
7.3
SPI bus interface (CS = low)
The ILPS22QS SPI is a bus slave. The SPI allows writing to and reading from the registers of the device.
The serial interface interacts with the application using only the 3-wire SPI which is available with CS, SPC,
SDI/SDO.
Figure 17. SPI read protocol
The SPI read command is performed with 16 clock pulses. The multiple byte read command is performed by
adding blocks of 8 clock pulses to the previous one.
bit0:READ bit. The value is 1.
bit1-7:address AD(6:0). This is the address field of the indexed register.
bit8-15:data DO(7:0) (read mode). This is the data that is read from the device (MSb first).
bit16-...:data DO(...-8). Further data in multiple byte reads.
Figure 18. Multiple byte SPI read protocol (2-byte example)
ILPS22QS
SPI bus interface (CS = low)
DS13431 - Rev 3
page 27/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com