Electronic Components Datasheet Search
  English  ▼

X  

ILPS22QS Datasheet(PDF) 18 Page - STMicroelectronics

Part # ILPS22QS
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QS Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ILPS22QS Datasheet HTML 14Page - STMicroelectronics ILPS22QS Datasheet HTML 15Page - STMicroelectronics ILPS22QS Datasheet HTML 16Page - STMicroelectronics ILPS22QS Datasheet HTML 17Page - STMicroelectronics ILPS22QS Datasheet HTML 18Page - STMicroelectronics ILPS22QS Datasheet HTML 19Page - STMicroelectronics ILPS22QS Datasheet HTML 20Page - STMicroelectronics ILPS22QS Datasheet HTML 21Page - STMicroelectronics ILPS22QS Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
5.3
Continuous (dynamic-stream) mode
In continuous (dynamic-stream) mode, (FIFO_CTRL (14h)(TRIG_MODES and F_MODE[1:0] = 011) after
emptying the FIFO, the first new sample that arrives becomes the first to be read in a subsequent read burst. In
this way, the number of new data available in FIFO does not depend on the previous read.
In continuous (dynamic-stream) mode, FIFO_STATUS1 (25h)(FSS[7:0]) is the number of new pressure samples
available in the FIFO buffer.
Continuous (dynamic-stream) mode is used to read FIFO_STATUS1 (25h)(FSS[7:0]) samples when it is not
possible to guarantee reading data within 1/ODR time period.
Figure 10. Continuous (dynamic-stream) mode
ILPS22QS
Continuous (dynamic-stream) mode
DS13431 - Rev 3
page 18/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com