Electronic Components Datasheet Search
  English  ▼

X  

ILPS22QS Datasheet(PDF) 4 Page - STMicroelectronics

Part # ILPS22QS
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QS Datasheet(HTML) 4 Page - STMicroelectronics

  ILPS22QS Datasheet HTML 1Page - STMicroelectronics ILPS22QS Datasheet HTML 2Page - STMicroelectronics ILPS22QS Datasheet HTML 3Page - STMicroelectronics ILPS22QS Datasheet HTML 4Page - STMicroelectronics ILPS22QS Datasheet HTML 5Page - STMicroelectronics ILPS22QS Datasheet HTML 6Page - STMicroelectronics ILPS22QS Datasheet HTML 7Page - STMicroelectronics ILPS22QS Datasheet HTML 8Page - STMicroelectronics ILPS22QS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
2
Pin description
Figure 3. Pin connections (bottom view)
1
2
3
5
4
10
8
9
7
6
RES
SDA/SDI/SDO
AH2/QVAR2
VDD
GND
GND_IO
Table 1. Pin description
Pin number
Name
Function
1
Vdd_IO
Power supply for I/O pins
2
SCL
SPC
I²C / MIPI I3CSM serial clock (SCL)
SPI serial port clock (SPC)
3
RES
Connect to GND
4
SDA
SDI
SDO
I²C / MIPI I3CSM serial data (SDA)
3-wire SPI serial data input (SDI)
3-wire serial data output (SDO)
5
AH2/QVAR2
Connect to GND if analog input / Qvar sensing is not needed.
6
CS
Enables SPI
I²C and MIPI I3CSM / SPI mode selection
(1: SPI idle mode / I²C and MIPI I3CSM communication enabled;
0: SPI communication mode / I²C and MIPI I3CSM disabled)
7
AH1/QVAR1
Connect to GND if analog input / Qvar sensing is not needed.
8
GND_IO
0 V supply
9
GND
0 V supply
10
VDD
Power supply
ILPS22QS
Pin description
DS13431 - Rev 3
page 4/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com