Electronic Components Datasheet Search
  English  ▼

X  

ILPS22QS Datasheet(PDF) 10 Page - STMicroelectronics

Part # ILPS22QS
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QS Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ILPS22QS Datasheet HTML 6Page - STMicroelectronics ILPS22QS Datasheet HTML 7Page - STMicroelectronics ILPS22QS Datasheet HTML 8Page - STMicroelectronics ILPS22QS Datasheet HTML 9Page - STMicroelectronics ILPS22QS Datasheet HTML 10Page - STMicroelectronics ILPS22QS Datasheet HTML 11Page - STMicroelectronics ILPS22QS Datasheet HTML 12Page - STMicroelectronics ILPS22QS Datasheet HTML 13Page - STMicroelectronics ILPS22QS Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
3.3.2
I²C - inter-IC control interface
Subject to general operating conditions for Vdd and TOP.
Table 9. I²C slave timing values
Symbol
Parameter
I²C fast mode(1)(2)
I²C fast mode plus(1)(2)
Unit
Min
Max
Min
Max
f(SCL)
SCL clock frequency
0
400
0
1000
kHz
tw(SCLL) SCL clock low time
1.3
0.5
µs
tw(SCLH) SCL clock high time
0.6
0.26
tsu(SDA)
SDA setup time
100
50
ns
th(SDA)
SDA data hold time
0
0.9
0
µs
th(ST)
START/REPEATED START condition hold time
0.6
0.26
tsu(SR)
REPEATED START condition setup time
0.6
0.26
tsu(SP)
STOP condition setup time
0.6
0.26
tw(SP:SR) Bus free time between STOP and START condition
1.3
0.5
Data valid time
0.9
0.45
Data valid acknowledge time
0.9
0.45
CB
Capacitive load for each bus line
400
550
pF
1. Data based on standard I²C protocol requirement, not tested in production.
2. Data for I²C fast mode and I²C fast mode plus have been validated by characterization, not tested in production.
Figure 5. I²C slave timing diagram
SDA
SCL
tsu(SP)
tw(SCLL)
tsu(SDA)
tsu(SR)
th(ST)
tw(SCLH)
th(SDA)
tw(SP:SR)
START
REPEATED
START
STOP
START
Note:
Measurement points are done at 0.3·Vdd_IO and 0.7·Vdd_IO for both ports.
ILPS22QS
Communication interface characteristics
DS13431 - Rev 3
page 10/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com