Electronic Components Datasheet Search
  English  ▼

X  

ILPS22QS Datasheet(PDF) 46 Page - STMicroelectronics

Part # ILPS22QS
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QS Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ILPS22QS Datasheet HTML 42Page - STMicroelectronics ILPS22QS Datasheet HTML 43Page - STMicroelectronics ILPS22QS Datasheet HTML 44Page - STMicroelectronics ILPS22QS Datasheet HTML 45Page - STMicroelectronics ILPS22QS Datasheet HTML 46Page - STMicroelectronics ILPS22QS Datasheet HTML 47Page - STMicroelectronics ILPS22QS Datasheet HTML 48Page - STMicroelectronics ILPS22QS Datasheet HTML 49Page - STMicroelectronics ILPS22QS Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
9.20
PRESS_OUT_XL (28h)
Either pressure output or AH/Qvar output value LSB data (read only)
7
6
5
4
3
2
1
0
POUT7
POUT6
POUT5
POUT4
POUT3
POUT2
POUT1
POUT0
POUT[7:0]
This register contains the low part of the pressure or AH/Qvar output value.
The pressure output value is a 24-bit data that contains the measured pressure. It is composed of
PRESS_OUT_H (2Ah), PRESS_OUT_L (29h), and PRESS_OUT_XL (28h). The value is expressed as two's
complement.
The output pressure register PRESS_OUT is provided as the difference between the measured pressure and the
content of the register RPDS (1Ah, 1Bh).
Refer to Section 4.4 Interpreting pressure readings for additional information.
9.21
PRESS_OUT_L (29h)
Either pressure output or AH/Qvar output value middle data (read only)
7
6
5
4
3
2
1
0
POUT15
POUT14
POUT13
POUT12
POUT11
POUT10
POUT9
POUT8
POUT[15:8]
This register contains the mid part of the pressure or AH/Qvar output value.
Refer to PRESS_OUT_XL (28h).
9.22
PRESS_OUT_H (2Ah)
Either pressure output or AH/Qvar output value MSB data (read only)
7
6
5
4
3
2
1
0
POUT23
POUT22
POUT21
POUT20
POUT19
POUT18
POUT17
POUT16
POUT[23:16]
This register contains the high part of the pressure or AH/Qvar output value.
Refer to PRESS_OUT_XL (28h).
9.23
TEMP_OUT_L (2Bh)
Temperature output value LSB data (read only)
7
6
5
4
3
2
1
0
TOUT7
TOUT6
TOUT5
TOUT4
TOUT3
TOUT2
TOUT1
TOUT0
TOUT[7:0]
This register contains the low part of the temperature output value.
The temperature output value is 16-bit data that contains the measured temperature. It is composed of
TEMP_OUT_H (2Ch), and TEMP_OUT_L (2Bh). The value is expressed as two's complement.
This register contains the temperature value and the resolution is: 1LSB = 0.01 °C.
ILPS22QS
PRESS_OUT_XL (28h)
DS13431 - Rev 3
page 46/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com