Electronic Components Datasheet Search
  English  ▼

X  

ILPS22QS Datasheet(PDF) 13 Page - STMicroelectronics

Part # ILPS22QS
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QS Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ILPS22QS Datasheet HTML 9Page - STMicroelectronics ILPS22QS Datasheet HTML 10Page - STMicroelectronics ILPS22QS Datasheet HTML 11Page - STMicroelectronics ILPS22QS Datasheet HTML 12Page - STMicroelectronics ILPS22QS Datasheet HTML 13Page - STMicroelectronics ILPS22QS Datasheet HTML 14Page - STMicroelectronics ILPS22QS Datasheet HTML 15Page - STMicroelectronics ILPS22QS Datasheet HTML 16Page - STMicroelectronics ILPS22QS Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
4.4
Interpreting pressure readings
The pressure data are stored in three registers: PRESS_OUT_H (2Ah), PRESS_OUT_L (29h), and
PRESS_OUT_XL (28h). The value is expressed as a 24-bit signed number (in two's complement).
To obtain the pressure in hPa, take the complete 24-bit word and then divide by the sensitivity 4096
LSB/hPa when the FS_MODE bit is 0 (in mode 1, full scale is up to 1260 hPa) or divide by the
sensitivity 2096 LSB/hPa when the FS_MODE bit is 1 (in mode 2, full scale is up to 4060 hPa).
This same interpretation is applied to pressure readings when FIFO is enabled and the pressure data
are stored in three registers:FIFO_DATA_OUT_PRESS_XL (78h), FIFO_DATA_OUT_PRESS_L (79h), and
FIFO_DATA_OUT_PRESS_H (7Ah).
Figure 6. Pressure readings
(1)
PressureValue=PRESS_OUT_H2Aℎ &PRESS_OUT_L29ℎ &PRESS_OUT_XL 28ℎ =3FF58Dℎ=4191629LSB signeddecimal
(2)
When FS_MODE bit = 0 (CTRL_REG2 (11h)), for full scale up to 1260 hPa:
Pressure ℎPA =Pressurevalue LSB
Sensitivity = 4191629LSB
4096LSB/ℎPA=1023.3ℎPA
When FS_MODE bit = 1 (CTRL_REG2 (11h)), for full scale up to 4060 hPa:
Pressure ℎPA =Pressurevalue LSB
Sensitivity = 4191629LSB
2048LSB/ℎPA=2046.7ℎPA
ILPS22QS
Interpreting pressure readings
DS13431 - Rev 3
page 13/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com