Electronic Components Datasheet Search
  English  ▼

X  

ILPS22QS Datasheet(PDF) 7 Page - STMicroelectronics

Part # ILPS22QS
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QS Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ILPS22QS Datasheet HTML 3Page - STMicroelectronics ILPS22QS Datasheet HTML 4Page - STMicroelectronics ILPS22QS Datasheet HTML 5Page - STMicroelectronics ILPS22QS Datasheet HTML 6Page - STMicroelectronics ILPS22QS Datasheet HTML 7Page - STMicroelectronics ILPS22QS Datasheet HTML 8Page - STMicroelectronics ILPS22QS Datasheet HTML 9Page - STMicroelectronics ILPS22QS Datasheet HTML 10Page - STMicroelectronics ILPS22QS Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
3.2
Electrical characteristics
VDD = 1.8 V, T = 25 °C, unless otherwise noted.
Table 4. Electrical characteristics - pressure and temperature
Symbol
Parameter
Test condition
Min. Typ.(1) Max. Unit
VDD
Supply voltage
1.7
3.6
V
Vdd_IO IO supply voltage
1.08
3.6
V
Idd
Supply current for pressure acquisition
@ 1 Hz one-shot
AVG = 4 by disabling AH and Qvar(2)
AVG = 4 by enabling AH and Qvar
1.8
4.3
µA
@ 1 Hz one-shot
AVG = 128 by disabling AH and Qvar(2)
AVG = 128 by enabling AH and Qvar
9.2
11.7
Supply current for Qvar (enabling AH and Qvar) AVG = 32 and ODR = 25 Hz
46.5
IddPdn
Power-down current by disabling AH and
Qvar(2)
Power-down current by enabling AH and Qvar
1
3.6
µA
1. Typical specifications are not guaranteed.
2. To disable AH and Qvar in order to save power consumption, 00h must be written in register 5Fh when the device is
powered on. AH2/QVAR2 (pin 5) and AH1/QVAR1 (pin 7) must be connected to GND.
Table 5. Electrical parameters of Qvar (@Vdd = 1.8 V, T = 25 °C)
Parameter
Typ.
Unit
Offset (shorted inputs)
0.02
mV
Noise (shorted inputs)
0.2
μV
Qvar gain
438k
LSB/mV
CMRR
64
dB
Input impedance
18(1)
MΩ
Input range
±18
mV
1. Depending on ODR and AVG, refer to Table 6
Table 6. Input impedance of Qvar
Input impedance [MΩ]
RIN (ODR, AVG) [MΩ]
ODR [Hz]
AVG
1
4
10
25
50
75
100
200
4
21.6
21.5
21.4
21.1
20.5
20.0
19.6
17.9
8
21.6
21.4
21.2
20.5
19.6
18.7
17.9
15.3
16
21.5
21.2
20.7
19.6
17.9
16.5
15.3
11.8
32
21.4
20.9
19.9
17.9
15.3
13.3
11.8
8.1
64
21.2
20.3
18.5
15.3
11.8
9.6
8.1
5.0
128
20.9
19.1
16.2
11.8
8.1
6.2
5.0
2.8
512
19.1
14.1
9.3
5.0
2.8
2.0
1.5
0.8
ILPS22QS
Electrical characteristics
DS13431 - Rev 3
page 7/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com