Electronic Components Datasheet Search
  English  ▼

X  

ILPS22QS Datasheet(PDF) 26 Page - STMicroelectronics

Part # ILPS22QS
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QS Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ILPS22QS Datasheet HTML 22Page - STMicroelectronics ILPS22QS Datasheet HTML 23Page - STMicroelectronics ILPS22QS Datasheet HTML 24Page - STMicroelectronics ILPS22QS Datasheet HTML 25Page - STMicroelectronics ILPS22QS Datasheet HTML 26Page - STMicroelectronics ILPS22QS Datasheet HTML 27Page - STMicroelectronics ILPS22QS Datasheet HTML 28Page - STMicroelectronics ILPS22QS Datasheet HTML 29Page - STMicroelectronics ILPS22QS Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
7.2.1
I²C operation
The transaction on the bus is started through a start (ST) signal. A start condition is defined as a high to low
transition on the data line while the SCL line is held high. After the master has transmitted this, the bus is
considered busy. The next data byte transmitted after the start condition contains the address of the slave in the
first 7 bits and the eighth bit tells whether the master is receiving data from the slave or transmitting data to the
slave. When an address is sent, each device in the system compares the first seven bits after a start condition
with its address. If they match, the device considers itself addressed by the master.
The 7-bit slave address (SAD) associated to the ILPS22QS is 1011100b = 5Ch.
Data transfer with acknowledge is mandatory. The transmitter must release the SDA line during the acknowledge
pulse. The receiver must then pull the data line low so that it remains stable low during the high period of the
acknowledge clock pulse. A receiver which has been addressed is obliged to generate an acknowledge after each
byte of data received.
The I²C embedded inside the ASIC behaves like a slave device and the following protocol must be adhered
to. After the start condition (ST) a slave address is sent, once a slave acknowledge has been returned (SAK),
an 8-bit subaddress is transmitted (SUB). The IF_ADD_INC bit in CTRL_REG2 (11h) enables subaddress auto
increment (IF_ADD_INC is 1 by default), so if IF_ADD_INC = 1 the SUB (subaddress) is automatically increased
to allow multiple data read/write.
The slave address is completed with a read/write bit. If the bit is 1 (read), a repeated start (SR) condition must
be issued after the two subaddress bytes; if the bit is 0 (write) the master transmits to the slave with direction
unchanged. The following table explains how the SAD+read/write bit pattern is composed, listing all the possible
configurations.
Table 13. SAD+read/write patterns
Command
SAD[6:0]
R/W
SAD+R/W
Read
1011100
1
10111001 (B9h)
Write
1011100
0
10111000 (B8h)
Table 14. Transfer when master is writing one byte to slave
Master
ST
SAD+ W
SUB
DATA
SP
Slave
SAK
SAK
SAK
Table 15. Transfer when master is writing multiple bytes to slave
Master
ST
SAD+ W
SUB
DATA
DATA
SP
Slave
SAK
SAK
SAK
SAK
Table 16. Transfer when master is receiving (reading) one byte of data from slave
Master
ST
SAD+ W
SUB
SR
SAD+ R
NMAK
SP
Slave
SAK
SAK
SAK
DATA
Table 17. Transfer when master is receiving (reading) multiple bytes of data from slave
Master
ST
SAD+W
SUB
SR
SAD+R
MAK
MAK
NMAK
SP
Slave
SAK
SAK
SAK
DATA
DATA
DATA
Data are transmitted in byte format (DATA). Each data transfer contains 8 bits. The number of bytes transferred
per transfer is unlimited. Data is transferred with the most significant bit (MSb) first. If a slave receiver does not
acknowledge the slave address (that is, it is not able to receive because it is performing some real-time function),
the data line must be kept high by the slave. The master can then abort the transfer. A low to high transition on
the SDA line while the SCL line is high is defined as a stop condition. Each data transfer must be terminated by
the generation of a stop (SP) condition.
In the presented communication format MAK is master acknowledge and NMAK is no master acknowledge.
ILPS22QS
I²C serial interface (CS = high)
DS13431 - Rev 3
page 26/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com