Electronic Components Datasheet Search
  English  ▼

X  

ILPS22QS Datasheet(PDF) 42 Page - STMicroelectronics

Part # ILPS22QS
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QS Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ILPS22QS Datasheet HTML 38Page - STMicroelectronics ILPS22QS Datasheet HTML 39Page - STMicroelectronics ILPS22QS Datasheet HTML 40Page - STMicroelectronics ILPS22QS Datasheet HTML 41Page - STMicroelectronics ILPS22QS Datasheet HTML 42Page - STMicroelectronics ILPS22QS Datasheet HTML 43Page - STMicroelectronics ILPS22QS Datasheet HTML 44Page - STMicroelectronics ILPS22QS Datasheet HTML 45Page - STMicroelectronics ILPS22QS Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
9.10
FIFO_WTM (15h)
FIFO threshold setting register (R/W)
7
6
5
4
3
2
1
0
0
WTM6
WTM5
WTM4
WTM3
WTM2
WTM1
WTM0
WTM[6:0]
FIFO threshold. Watermark level setting. Default value: 0000000
9.11
REF_P_L (16h)
Reference pressure LSB data (R)
7
6
5
4
3
2
1
0
REFP7
REFP6
REFP5
REFP4
REFP3
REFP2
REFP1
REFP0
REFP[7:0]
Thisregister contains the low part of the reference pressure value.
Default value: 00000000
The reference pressure value is 16-bit data and it is composed of REF_P_H (17h) and REF_P_L (16h). The value
is expressed as two’s complement.
The reference pressure value is stored and used when the AUTOZERO or AUTOREFP function is enabled. Refer
to the INTERRUPT_CFG (0Bh) register description.
9.12
REF_P_H (17h)
Reference pressure MSB data (R)
7
6
5
4
3
2
1
0
REFP15
REFP14
REFP13
REFP12
REFP11
REFP10
REFP9
REFP8
REFP[15:8]
This register contains the high part of the reference pressure value.
Default value: 00000000
ILPS22QS
FIFO_WTM (15h)
DS13431 - Rev 3
page 42/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com