Electronic Components Datasheet Search
  English  ▼

X  

ILPS22QS Datasheet(PDF) 45 Page - STMicroelectronics

Part # ILPS22QS
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QS Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ILPS22QS Datasheet HTML 41Page - STMicroelectronics ILPS22QS Datasheet HTML 42Page - STMicroelectronics ILPS22QS Datasheet HTML 43Page - STMicroelectronics ILPS22QS Datasheet HTML 44Page - STMicroelectronics ILPS22QS Datasheet HTML 45Page - STMicroelectronics ILPS22QS Datasheet HTML 46Page - STMicroelectronics ILPS22QS Datasheet HTML 47Page - STMicroelectronics ILPS22QS Datasheet HTML 48Page - STMicroelectronics ILPS22QS Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
9.18
FIFO_STATUS2 (26h)
FIFO status register (read only)
7
6
5
4
3
2
1
0
FIFO_WTM_IA
FIFO_OVR_IA
FIFO_FULL_IA
-
-
-
-
-
FIFO_WTM_IA
FIFO threshold (watermark) status. Default value: 0
(0: FIFO filling is lower than treshold level;
1: FIFO filling is equal or higher than treshold level).
FIFO_OVR_IA
FIFO overrun status. Default value: 0
(0: FIFO is not completely full;
1: FIFO is full and at least one sample in the FIFO has been overwritten).
FIFO_FULL_IA
FIFO full status. Default value: 0
(0: FIFO is not completely filled;
1: FIFO is completely filled, no samples overwritten)
9.19
STATUS (27h)
Status register (read only)
7
6
5
4
3
2
1
0
-
-
T_OR
P_OR
-
-
T_DA
P_DA
T_OR
Temperature data overrun.
(0: no overrun has occurred;
1: a new data for temperature has overwritten the previous data)
P_OR
Pressure data overrun.
(0: no overrun has occurred;
1: new data for pressure has overwritten the previous data)
T_DA
Temperature data available.
(0: new data for temperature is not yet available;
1: a new temperature data is generated)
P_DA
Pressure data available.
(0: new data for pressure is not yet available;
1: a new pressure data is generated)
This register is updated every ODR cycle.
ILPS22QS
FIFO_STATUS2 (26h)
DS13431 - Rev 3
page 45/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com