Electronic Components Datasheet Search
  English  ▼

X  

ILPS22QS Datasheet(PDF) 40 Page - STMicroelectronics

Part # ILPS22QS
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QS Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ILPS22QS Datasheet HTML 36Page - STMicroelectronics ILPS22QS Datasheet HTML 37Page - STMicroelectronics ILPS22QS Datasheet HTML 38Page - STMicroelectronics ILPS22QS Datasheet HTML 39Page - STMicroelectronics ILPS22QS Datasheet HTML 40Page - STMicroelectronics ILPS22QS Datasheet HTML 41Page - STMicroelectronics ILPS22QS Datasheet HTML 42Page - STMicroelectronics ILPS22QS Datasheet HTML 43Page - STMicroelectronics ILPS22QS Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
9.8
CTRL_REG3 (12h)
Control register 3 (R/W)
7
6
5
4
3
2
1
0
AH_QVAR_EN
0
AH_QVAR_
P_AUTO_EN
0
0
0
0
IF_ADD_INC
AH_QVAR_EN
Enables AH (analog hub) / Qvar functions. Default value: 0
(0: disable; 1: enable)
AH_QVAR_P_AUTO_EN
Enables AH/Qvar and pressure hardware interleaved mode. Default value: 0
(0: disable; 1: enable)
IF_ADD_INC
Register address automatically incremented during a multiple byte access with a serial interface (I²C or SPI).
Default value: 1
(0: disable, 1: enable)
The AH_QVAR_EN bit enables the AH (analog hub) and Qvar functions. The network of external connections and
electrodes must be designed in the final application if these functions need to be enabled. Refer to Figure 15. AH
(analog hub) / Qvar external connections to pin 5, pin 7.
The AH_QVAR_P_AUTO_EN bit enables the interleaved hardware mode in which the device alternately
generates pressure data and AH / Qvar data. Before enabling this mode, the device must be configured in
power-down mode and the AH_QVAR_EN bit must be set to 0. This mode applies to both continuous and
one-shot mode. The least significant bit of the output data registers is set to 0 for pressure data and to 1 for
AH/Qvar data.
The IF_ADD_INC bit enables the address to be automatically incremented during a multiple byte access with a
serial interface (SPI or I²C).
ILPS22QS
CTRL_REG3 (12h)
DS13431 - Rev 3
page 40/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com