Electronic Components Datasheet Search
  English  ▼

X  

ILPS22QS Datasheet(PDF) 35 Page - STMicroelectronics

Part # ILPS22QS
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QS Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ILPS22QS Datasheet HTML 31Page - STMicroelectronics ILPS22QS Datasheet HTML 32Page - STMicroelectronics ILPS22QS Datasheet HTML 33Page - STMicroelectronics ILPS22QS Datasheet HTML 34Page - STMicroelectronics ILPS22QS Datasheet HTML 35Page - STMicroelectronics ILPS22QS Datasheet HTML 36Page - STMicroelectronics ILPS22QS Datasheet HTML 37Page - STMicroelectronics ILPS22QS Datasheet HTML 38Page - STMicroelectronics ILPS22QS Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
9.3
THS_P_H (0Dh)
User-defined threshold value for pressure interrupt event (Most significant bits) (R/W)
7
6
5
4
3
2
1
0
-
THS14
THS13
THS12
THS11
THS10
THS9
THS8
THS[14:8]
This register contains the high part of threshold value for pressure interrupt generation. Refer to THS_P_L (0Ch).
Default value: 00h
9.4
IF_CTRL (0Eh)
Interface control register (R/W)
7
6
5
4
3
2
1
0
0
I2C_I3C_DIS
EN_SPI_READ
SDA_PU_EN
0
0
CS_PU_DIS
-
I2C_I3C_DIS
Disable I²C and I3C digital interfaces. Default value: 0
(0: enable I²C and I3C digital interfaces; 1: disable I²C and I3C digital interfaces)
EN_SPI_READ
Enable SPI read mode. This bit must be set to 1 before using the 3-wire SPI interface. Default value: 0
(0: disable SPI read for 3-wire SPI; 1: enable SPI read for 3-wire SPI)
SDA_PU_EN
Enable pull-up on the SDA pin. Default value: 0
(0: SDA pin pull-up disconnected; 1: SDA pin with pull-up)
CS_PU_DIS
Disable pull-up on CS pin. Default value: 0
(0: CS pin with internal pull-up; 1: CS pin pull-up disconnected)
9.5
WHO_AM_I (0Fh)
Device Who am I
7
6
5
4
3
2
1
0
1
0
1
1
0
1
0
0
ILPS22QS
THS_P_H (0Dh)
DS13431 - Rev 3
page 35/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com