Electronic Components Datasheet Search
  English  ▼

X  

ILPS22QS Datasheet(PDF) 1 Page - STMicroelectronics

Part # ILPS22QS
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QS Datasheet(HTML) 1 Page - STMicroelectronics

  ILPS22QS Datasheet HTML 1Page - STMicroelectronics ILPS22QS Datasheet HTML 2Page - STMicroelectronics ILPS22QS Datasheet HTML 3Page - STMicroelectronics ILPS22QS Datasheet HTML 4Page - STMicroelectronics ILPS22QS Datasheet HTML 5Page - STMicroelectronics ILPS22QS Datasheet HTML 6Page - STMicroelectronics ILPS22QS Datasheet HTML 7Page - STMicroelectronics ILPS22QS Datasheet HTML 8Page - STMicroelectronics ILPS22QS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
Features
•
Selectable dual full-scale absolute pressure range
–
Mode 1: 260 ~ 1260 hPa
–
Mode 2: 260 ~ 4060 hPa
•
Current consumption down to 1.8 µA
•
Absolute pressure accuracy: 0.5 hPa
•
Low pressure sensor noise: 0.34 Pa
•
High-performance TCO: 0.45 Pa/°C
•
Embedded temperature compensation
•
Extended temperature range from -40 to +105 °C
•
24-bit pressure data output
•
ODR from 1 Hz to 200 Hz
•
SPI, I²C or MIPI I3CSM interfaces
•
Supports 1.08 V digital interface
•
Embedded FIFO
•
Embedded analog hub for processing analog input data
•
Embedded Qvar for detecting electric charge variation
•
Interrupt functions: data-ready, FIFO flags, pressure thresholds
•
Supply voltage: 1.7 to 3.6 V
•
High shock survivability: 22,000 g
•
Small and thin package
•
ECOPACK lead-free compliant
Applications
•
Industrial applications
•
Gas and water metering
•
Weather station equipment
•
Altimeters and barometers for outdoor devices
•
Smart filters
•
Ventilators and CPAP equipment
•
Man-down detection
Description
The ILPS22QS is an ultra-compact piezoresistive absolute pressure sensor which
functions as a digital output barometer, supporting dual full-scale up to user-
selectable 4060 hPa. The device delivers ultra-low pressure noise with very low
power consumption and operates over an extended temperature range from -40 °C
to +105 °C.
The ILPS22QS comprises a sensing element and an IC interface which
communicates over I²C, MIPI I3CSM or SPI interfaces from the sensing element to
the application and supports 1.2 V digital interface as well. The sensing element,
which detects absolute pressure, consists of a suspended membrane manufactured
using a dedicated process developed by ST.
HLGA-10L
(2.0 x 2.0 x 0.73 mm)
Product status link
ILPS22QS
Product summary
Order code
ILPS22QSTR
Temp. range [°C]
-40 to +105
Package
HLGA-10L
(2.0 x 2.0 x 0.73 mm)
Packing
Tape and reel
Product resources
TN0018 (Design and soldering)
Product labels
Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with
embedded Qvar electrostatic sensor
ILPS22QS
Datasheet
DS13431 - Rev 3 - May 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ILPS22QS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ILPS28QSW STMICROELECTRONICS-ILPS28QSW Datasheet
2Mb / 52P
Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
17-Jan-2023
ILPS28QSWTR STMICROELECTRONICS-ILPS28QSWTR Datasheet
2Mb / 52P
Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
17-Jan-2023
More results

Similar Description - ILPS22QS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS25HB STMICROELECTRONICS-LPS25HB Datasheet
1Mb / 40P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
21-May-2015
LPS22HB STMICROELECTRONICS-LPS22HB Datasheet
1Mb / 49P
MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
November 2016 Rev 5
LPS33HW STMICROELECTRONICS-LPS33HW Datasheet
1Mb / 50P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
25-Jul-2017
LPS27HHTW STMICROELECTRONICS-LPS27HHTW Datasheet
1Mb / 55P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
Rev 1 - January 2021
LPS22CH STMICROELECTRONICS-LPS22CH Datasheet
1Mb / 55P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
05-Aug-2020
LPS22DF STMICROELECTRONICS-LPS22DF Datasheet
1Mb / 54P
Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
30-Sep-2021
LPS27HHW STMICROELECTRONICS-LPS27HHW Datasheet
1Mb / 60P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
31-Jul-2019
LPS33K STMICROELECTRONICS-LPS33K Datasheet
1Mb / 31P
MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
20-May-2020
LPS22HH STMICROELECTRONICS-LPS22HH Datasheet
1Mb / 59P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
04-Feb-2019
ILPS28QSW STMICROELECTRONICS-ILPS28QSW Datasheet
2Mb / 52P
Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
17-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com