Electronic Components Datasheet Search
  English  ▼

X  

ILPS22QS Datasheet(PDF) 52 Page - STMicroelectronics

Part # ILPS22QS
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QS Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ILPS22QS Datasheet HTML 48Page - STMicroelectronics ILPS22QS Datasheet HTML 49Page - STMicroelectronics ILPS22QS Datasheet HTML 50Page - STMicroelectronics ILPS22QS Datasheet HTML 51Page - STMicroelectronics ILPS22QS Datasheet HTML 52Page - STMicroelectronics ILPS22QS Datasheet HTML 53Page - STMicroelectronics ILPS22QS Datasheet HTML 54Page - STMicroelectronics ILPS22QS Datasheet HTML 55Page - STMicroelectronics ILPS22QS Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
Contents
1
Block diagrams ....................................................................3
2
Pin description ....................................................................4
3
Mechanical and electrical specifications ...........................................5
3.1
Mechanical characteristics ....................................................... 5
3.2
Electrical characteristics......................................................... 7
3.3
Communication interface characteristics ........................................... 9
3.3.1
SPI - serial peripheral interface .............................................. 9
3.3.2
I²C - inter-IC control interface .............................................. 10
3.4
Absolute maximum ratings...................................................... 11
4
Functionality .....................................................................12
4.1
Sensing element .............................................................. 12
4.2
IC interface................................................................... 12
4.3
Factory calibration............................................................. 12
4.4
Interpreting pressure readings................................................... 13
4.5
Interpreting temperature readings................................................ 14
5
FIFO..............................................................................15
5.1
Bypass mode ................................................................. 16
5.2
FIFO mode................................................................... 17
5.3
Continuous (dynamic-stream) mode.............................................. 18
5.4
Bypass-to-FIFO mode ......................................................... 19
5.5
Bypass-to-continuous (dynamic-stream) mode ..................................... 20
5.6
Continuous (dynamic-stream)-to-FIFO mode ...................................... 21
5.7
Retrieving data from FIFO ...................................................... 21
6
Application hints .................................................................22
6.1
Analog hub (AH) / Qvar functions ................................................ 24
6.2
Power-saving tip for the pressure sensor, disabling the analog hub (AH) / Qvar feature ... 24
6.3
Soldering information .......................................................... 24
7
Digital interfaces .................................................................25
7.1
Serial interfaces............................................................... 25
7.2
I²C serial interface (CS = high) .................................................. 25
7.2.1
I²C operation ........................................................... 26
7.3
SPI bus interface (CS = low) .................................................... 27
7.3.1
SPI write in 3-wire mode .................................................. 28
7.3.2
SPI read in 3-wire mode .................................................. 29
ILPS22QS
Contents
DS13431 - Rev 3
page 52/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com