Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 122 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 122 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 118Page - Cirrus Logic CS47L85 Datasheet HTML 119Page - Cirrus Logic CS47L85 Datasheet HTML 120Page - Cirrus Logic CS47L85 Datasheet HTML 121Page - Cirrus Logic CS47L85 Datasheet HTML 122Page - Cirrus Logic CS47L85 Datasheet HTML 123Page - Cirrus Logic CS47L85 Datasheet HTML 124Page - Cirrus Logic CS47L85 Datasheet HTML 125Page - Cirrus Logic CS47L85 Datasheet HTML 126Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 370 page
background image
CS47L85
122
Rev 4.3
The ISRC input control registers (see Figure 39) are located at register addresses R2816 (B00h) through to R3015 (0BC7h).
The full list of digital mixer control registers (Register R1600 through to R3192) is provided in a separate document - see
“Register Map” for further information. Generic register definitions are provided in Table 8.
The *_SRC registers select the input source(s) for the respective ISRC processing blocks. Note that the selected input
source(s) must be configured for the same sample rate as the ISRC to which they are connected.
The bracketed numbers in Figure 39,
e.g.,”(A4h)” indicate the corresponding *_SRC register setting for selection of that
signal as an input to another digital core function.
The ISRC paths should be kept disabled (ISRCn_INTm_ENA=0, ISRCn_DECm_ENA=0) if SYSCLK is not enabled. The
*_SRCn registers for all digital core functions should be held at 00h if SYSCLK is not enabled. SYSCLK must be present
and enabled before select
ing other values for these registers. See “Clocking and Sample Rates” for further details (including
requirements for reconfiguring SYSCLK while digital core functions are enabled).
The register bits associated with the ISRCs are described in Table 24.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3824
(0EF0h)
ISRC1_CT
RL_1
14:11
ISRC1_FSH [3:0]
0000
ISRC1 High Sample Rate
(Sets the higher of the ISRC1 sample
rates)
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 8kHz to 192kHz.
The ISRC1_FSH and ISRC1_FSL fields
must both select sample rates referenced
to the same clock domain (SYSCLK or
ASYNCCLK).
All ISRC1_DECn_SRC registers should
be set to 00h before changing
ISRC1_FSH.
R3825
(0EF1h)
ISRC1_CT
RL_2
14:11
ISRC1_FSL [3:0]
0000
ISRC1 Low Sample Rate
(Sets the lower of the ISRC1 sample
rates)
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 8kHz to 192kHz.
The ISRC1_FSH and ISRC1_FSL fields
must both select sample rates referenced
to the same clock domain (SYSCLK or
ASYNCCLK).
All ISRC1_INTn_SRC registers should be
set to 00h before changing ISRC1_FSL.
R3826
(0EF2h)
ISRC1_CT
RL_3
15
ISRC1_INT1_EN
A
0
ISRC1 INT1 Enable
(Interpolation Channel 1 path from
ISRC1_FSL rate to ISRC1_FSH rate)
0 = Disabled
1 = Enabled
14
ISRC1_INT2_EN
A
0
ISRC1 INT2 Enable
(Interpolation Channel 2 path from
ISRC1_FSL rate to ISRC1_FSH rate)
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com