Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 123 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 123 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 119Page - Cirrus Logic CS47L85 Datasheet HTML 120Page - Cirrus Logic CS47L85 Datasheet HTML 121Page - Cirrus Logic CS47L85 Datasheet HTML 122Page - Cirrus Logic CS47L85 Datasheet HTML 123Page - Cirrus Logic CS47L85 Datasheet HTML 124Page - Cirrus Logic CS47L85 Datasheet HTML 125Page - Cirrus Logic CS47L85 Datasheet HTML 126Page - Cirrus Logic CS47L85 Datasheet HTML 127Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 370 page
background image
CS47L85
Rev 4.3
123
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
13
ISRC1_INT3_EN
A
0
ISRC1 INT3 Enable
(Interpolation Channel 3 path from
ISRC1_FSL rate to ISRC1_FSH rate)
0 = Disabled
1 = Enabled
12
ISRC1_INT4_EN
A
0
ISRC1 INT4 Enable
(Interpolation Channel 4 path from
ISRC1_FSL rate to ISRC1_FSH rate)
0 = Disabled
1 = Enabled
9
ISRC1_DEC1_EN
A
0
ISRC1 DEC1 Enable
(Decimation Channel 1 path from
ISRC1_FSH rate to ISRC1_FSL rate)
0 = Disabled
1 = Enabled
8
ISRC1_DEC2_EN
A
0
ISRC1 DEC2 Enable
(Decimation Channel 2 path from
ISRC1_FSH rate to ISRC1_FSL rate)
0 = Disabled
1 = Enabled
7
ISRC1_DEC3_EN
A
0
ISRC1 DEC3 Enable
(Decimation Channel 3 path from
ISRC1_FSH rate to ISRC1_FSL rate)
0 = Disabled
1 = Enabled
6
ISRC1_DEC4_EN
A
0
ISRC1 DEC4 Enable
(Decimation Channel 4 path from
ISRC1_FSH rate to ISRC1_FSL rate)
0 = Disabled
1 = Enabled
R3827
(0EF3h)
ISRC2_CT
RL_1
14:11
ISRC2_FSH [3:0]
0000
ISRC2 High Sample Rate
(Sets the higher of the ISRC2 sample
rates)
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 8kHz to 192kHz.
The ISRC2_FSH and ISRC2_FSL fields
must both select sample rates referenced
to the same clock domain (SYSCLK or
ASYNCCLK).
All ISRC2_DECn_SRC registers should
be set to 00h before changing
ISRC2_FSH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com