Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 160 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 160 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 156Page - Cirrus Logic CS47L85 Datasheet HTML 157Page - Cirrus Logic CS47L85 Datasheet HTML 158Page - Cirrus Logic CS47L85 Datasheet HTML 159Page - Cirrus Logic CS47L85 Datasheet HTML 160Page - Cirrus Logic CS47L85 Datasheet HTML 161Page - Cirrus Logic CS47L85 Datasheet HTML 162Page - Cirrus Logic CS47L85 Datasheet HTML 163Page - Cirrus Logic CS47L85 Datasheet HTML 164Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 370 page
background image
CS47L85
160
Rev 4.3
Input / Output control
Logic Level control
Mask control
DSPGPn_SET2_LVL
DSPGPn_SET2_DIR
DSPGPn_SET2_MASK
Input / Output control
Logic Level control
Mask control
DSPGPn_SET3_LVL
DSPGPn_SET3_DIR
DSPGPn_SET3_MASK
Input / Output control
Logic Level control
Mask control
DSPGPn_SET4_LVL
DSPGPn_SET4_DIR
DSPGPn_SET4_MASK
Input / Output control
Logic Level control
Mask control
DSPGPn_SET5_LVL
DSPGPn_SET5_DIR
DSPGPn_SET5_MASK
Input / Output control
Logic Level control
Mask control
DSPGPn_SET6_LVL
DSPGPn_SET6_DIR
DSPGPn_SET6_MASK
Input / Output control
Logic Level control
Mask control
DSPGPn_SET7_LVL
DSPGPn_SET7_DIR
DSPGPn_SET7_MASK
Input / Output control
Logic Level control
Mask control
DSPGPn_SET8_LVL
DSPGPn_SET8_DIR
DSPGPn_SET8_MASK
Input / Output control
Logic Level control
Mask control
DSPGPn_SET1_LVL
DSPGPn_SET1_DIR
DSPGPn_SET1_MASK
DSP GPIO
Readback
DSPGPn_STS
GPn_FN = 002h
GPIO Control
& Readback
GPn_LVL
GPn_FN = 001h
Pin-Specific
Function
GPn_FN = 000h
Other GPIO
functions
GPn_PU
GPn_PD
GPIOn
GPn_FN > 002h
GPn_FN
GPn_POL
GPn_OP_CFG
These bits have no effect if GPn_FN = 000h or 002h
GPn_DB
Valid for GPn_LVL readback and GPIO IRQ event trigger only
GPn_DIR
These bits have no effect if GPn_FN = 000h or 002h.
Pin direction is set automatically if GPn_FN = 000h.
Pin direction is set by DSPGPn_SETx_DIR if GPn_FN = 002h.
Figure 45 DSP GPIO Control
The control registers associated with the DSP GPIO are described in Table 36.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com