Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 158 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 158 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 154Page - Cirrus Logic CS47L85 Datasheet HTML 155Page - Cirrus Logic CS47L85 Datasheet HTML 156Page - Cirrus Logic CS47L85 Datasheet HTML 157Page - Cirrus Logic CS47L85 Datasheet HTML 158Page - Cirrus Logic CS47L85 Datasheet HTML 159Page - Cirrus Logic CS47L85 Datasheet HTML 160Page - Cirrus Logic CS47L85 Datasheet HTML 161Page - Cirrus Logic CS47L85 Datasheet HTML 162Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 370 page
background image
CS47L85
158
Rev 4.3
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:0
TIMERn_REFCLK_SRC
[3:0]
0000
Timer Reference Source Select
0000 = DSPCLK
0001 = 32kHz clock
0100 = MCLK1
0101 = MCLK2
1000 = SYSCLK
1001 = ASYNCCLK
1100 = GPIO1
1101 = GPIO2
1110 = GPIO3
1111 = GPIO4
All other codes are Reserved
Timer must be stopped
(TIMERn_RUNNING_STS=0) when
updating this register
base address +02h
Timern_Count_Preset
31:0
TIMERn_MAX_COUNT
[31:0]
0000
0000h
Timer Maximum Count
Final count value (when counting up)
Starting count value (when counting
down)
Timer must be stopped
(TIMERn_RUNNING_STS=0) when
updating this register
base address +06h
Timern_Start_and_Stop
4
TIMERn_STOP
0
Timer Stop Control
Write ‘1’ to stop.
0
TIMERn_START
0
Timer Start Control
Write ‘1’ to start.
If the Timer is already running, then it
will re-start from its initial value.
base address +08h
Timern_Status
0
TIMERn_RUNNING_STS
0
Timer Running Status
0 = Timer stopped
1 = Timer running
base address +0Ah
Timern_Count_Readba
ck
31:0
TIMERn_CUR_COUNT
[31:0]
0000h
Timer Current Count value
Table 35 General Purpose Timer (TIMERn) Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com