Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 156 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 156 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 152Page - Cirrus Logic CS47L85 Datasheet HTML 153Page - Cirrus Logic CS47L85 Datasheet HTML 154Page - Cirrus Logic CS47L85 Datasheet HTML 155Page - Cirrus Logic CS47L85 Datasheet HTML 156Page - Cirrus Logic CS47L85 Datasheet HTML 157Page - Cirrus Logic CS47L85 Datasheet HTML 158Page - Cirrus Logic CS47L85 Datasheet HTML 159Page - Cirrus Logic CS47L85 Datasheet HTML 160Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 370 page
background image
CS47L85
156
Rev 4.3
TIMERn_REFCLK_SRC
DSPCLK
32k Clock
MCLK1
MCLK2
SYSCLK
ASYNCCLK
GPIO1
GPIO2
GPIO3
GPIO4
f = TIMERn count rate
If DSPCLK is enabled, and a clock
source other than DSPCLK is selected,
f
≤ DSPCLK/3, f ≤ 12MHz
Divider
TIMERn_PRESCALE
Divide by 1, 2, 4, 8
… 128
Divider
TIMERn_REFCLK_DIV
Divide by 1, 2, 4, 8
… 64
except DSPCLK
Divider
TIMERn_REFCLK_FREQ_SEL
DSPCLK / SYSCLK /
ASYNCCLK only
Figure 44 General Purpose Timer
The Timer control registers are described in Table 35.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
Timer 1 Base Address = R311296 (4C000h)
Timer 2 Base Address = R311424 (4C080h)
Timer 3 Base Address = R311552 (4C100h)
Timer 4 Base Address = R311680 (4C180h)
Timer 5 Base Address = R311808 (4C200h)
Timer 6 Base Address = R311936 (4C280h)
Timer 7 Base Address = R312064 (4C300h)
Timer 8 Base Address = R312192 (4C380h)
base address
Timern_Control
21
TIMERn_CONTINUOUS
0
Timer Continuous Mode select
0 = Single mode
1 = Continuous mode
Timer must be stopped
(TIMERn_RUNNING_STS=0) when
updating this register
20
TIMERn_DIR
0
Timer Count Direction
0 = Down
1 = Up
Timer must be stopped
(TIMERn_RUNNING_STS=0) when
updating this register
18:16
TIMERn_PRESCALE [2:0]
000
Timer Count Rate Prescale
000 = Divide by 1
001 = Divide by 2
010 = Divide by 4
011 = Divide by 8
100 = Divide by 16
101 = Divide by 32
110 = Divide by 64
111 = Divide by 128
Timer must be stopped
(TIMERn_RUNNING_STS=0) when
updating this register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com