Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 152 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 152 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 148Page - Cirrus Logic CS47L85 Datasheet HTML 149Page - Cirrus Logic CS47L85 Datasheet HTML 150Page - Cirrus Logic CS47L85 Datasheet HTML 151Page - Cirrus Logic CS47L85 Datasheet HTML 152Page - Cirrus Logic CS47L85 Datasheet HTML 153Page - Cirrus Logic CS47L85 Datasheet HTML 154Page - Cirrus Logic CS47L85 Datasheet HTML 155Page - Cirrus Logic CS47L85 Datasheet HTML 156Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 370 page
background image
CS47L85
152
Rev 4.3
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
base address +94h
EVENTLOGn_FIFO5_R
EAD
12
EVENTLOGn_FIFO5_POL
0
Event Log FIFO Index 5 polarity
Register description is as above.
8:0
EVENTLOGn_FIFO5_ID
[8:0]
000h
Event Log FIFO Index 5 source
Register description is as above.
base address +96h
EVENTLOGn_FIFO5_T
IME
31:0
EVENTLOGn_FIFO5_TIME
[31:0]
0000
0000h
Event Log FIFO Index 5 Time
base address +98h
EVENTLOGn_FIFO6_R
EAD
12
EVENTLOGn_FIFO6_POL
0
Event Log FIFO Index 6 polarity
Register description is as above.
8:0
EVENTLOGn_FIFO6_ID
[8:0]
000h
Event Log FIFO Index 6 source
Register description is as above.
base address +9Ah
EVENTLOGn_FIFO6_T
IME
31:0
EVENTLOGn_FIFO6_TIME
[31:0]
0000
0000h
Event Log FIFO Index 6 Time
base address +9Ch
EVENTLOGn_FIFO7_R
EAD
12
EVENTLOGn_FIFO7_POL
0
Event Log FIFO Index 7 polarity
Register description is as above.
8:0
EVENTLOGn_FIFO7_ID
[8:0]
000h
Event Log FIFO Index 7 source
Register description is as above.
base address +9Eh
EVENTLOGn_FIFO7_T
IME
31:0
EVENTLOGn_FIFO7_TIME
[31:0]
0000
0000h
Event Log FIFO Index 7 Time
base address +A0h
EVENTLOGn_FIFO8_R
EAD
12
EVENTLOGn_FIFO8_POL
0
Event Log FIFO Index 8 polarity
Register description is as above.
8:0
EVENTLOGn_FIFO8_ID
[8:0]
000h
Event Log FIFO Index 8 source
Register description is as above.
base address +A2h
EVENTLOGn_FIFO8_T
IME
31:0
EVENTLOGn_FIFO8_TIME
[31:0]
0000
0000h
Event Log FIFO Index 8 Time
base address +A4h
EVENTLOGn_FIFO9_R
EAD
12
EVENTLOGn_FIFO9_POL
0
Event Log FIFO Index 9 polarity
Register description is as above.
8:0
EVENTLOGn_FIFO9_ID
[8:0]
000h
Event Log FIFO Index 9 source
Register description is as above.
base address +A6h
EVENTLOGn_FIFO9_T
IME
31:0
EVENTLOGn_FIFO9_TIME
[31:0]
0000
0000h
Event Log FIFO Index 9 Time
base address +A8h
EVENTLOGn_FIFO10_
READ
12
EVENTLOGn_FIFO10_POL
0
Event Log FIFO Index 10 polarity
Register description is as above.
8:0
EVENTLOGn_FIFO10_ID
[8:0]
000h
Event Log FIFO Index 10 source
Register description is as above.
base address +AAh
EVENTLOGn_FIFO10_
TIME
31:0
EVENTLOGn_FIFO10_TIM
E [31:0]
0000
0000h
Event Log FIFO Index 10 Time
base address +ACh
EVENTLOGn_FIFO11_
READ
12
EVENTLOGn_FIFO11_POL
0
Event Log FIFO Index 11 polarity
Register description is as above.
8:0
EVENTLOGn_FIFO11_ID
[8:0]
000h
Event Log FIFO Index 11 source
Register description is as above.
base address +AEh
EVENTLOGn_FIFO11_
TIME
31:0
EVENTLOGn_FIFO11_TIM
E [31:0]
0000
0000h
Event Log FIFO Index 11 Time
base address +B0h
EVENTLOGn_FIFO12_
READ
12
EVENTLOGn_FIFO12_POL
0
Event Log FIFO Index 12 polarity
Register description is as above.
8:0
EVENTLOGn_FIFO12_ID
[8:0]
000h
Event Log FIFO Index 12 source
Register description is as above.
base address +B2h
EVENTLOGn_FIFO12_
TIME
31:0
EVENTLOGn_FIFO12_TIM
E [31:0]
0000
0000h
Event Log FIFO Index 12 Time
base address +B4h
EVENTLOGn_FIFO13_
12
EVENTLOGn_FIFO13_POL
0
Event Log FIFO Index 13 polarity
Register description is as above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com