Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 151 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 151 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 147Page - Cirrus Logic CS47L85 Datasheet HTML 148Page - Cirrus Logic CS47L85 Datasheet HTML 149Page - Cirrus Logic CS47L85 Datasheet HTML 150Page - Cirrus Logic CS47L85 Datasheet HTML 151Page - Cirrus Logic CS47L85 Datasheet HTML 152Page - Cirrus Logic CS47L85 Datasheet HTML 153Page - Cirrus Logic CS47L85 Datasheet HTML 154Page - Cirrus Logic CS47L85 Datasheet HTML 155Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 370 page
background image
CS47L85
Rev 4.3
151
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8:0
EVENTLOGn_CH13_SEL
[8:0]
000h
Event Log Channel 13 source
Register description is as above.
base address +5Ah
EVENTLOGn_CH14_D
EFINE
15
EVENTLOGn_CH14_DB
0
Event Log Channel 14 de-bounce
Register description is as above.
14
EVENTLOGn_CH14_POL
0
Event Log Channel 14 polarity
Register description is as above.
8:0
EVENTLOGn_CH14_SEL
[8:0]
000h
Event Log Channel 14 source
Register description is as above.
base address +5Ch
EVENTLOGn_CH15_D
EFINE
15
EVENTLOGn_CH15x_DB
0
Event Log Channel 15 de-bounce
Register description is as above.
14
EVENTLOGn_CH15_POL
0
Event Log Channel 15 polarity
Register description is as above.
8:0
EVENTLOGn_CH15_SEL
[8:0]
000h
Event Log Channel 15 source
Register description is as above.
base address +5Eh
EVENTLOGn_CH16_D
EFINE
15
EVENTLOGn_CH16_DB
0
Event Log Channel 16 de-bounce
Register description is as above.
14
EVENTLOGn_CH16_POL
0
Event Log Channel 16 polarity
Register description is as above.
8:0
EVENTLOGn_CH16_SEL
[8:0]
000h
Event Log Channel 16 source
Register description is as above.
base address +80h
EVENTLOGn_FIFO0_R
EAD
12
EVENTLOGn_FIFO0_POL
0
Event Log FIFO Index 0 polarity
0 = Rising edge
1 = Falling edge
8:0
EVENTLOGn_FIFO0_ID
[8:0]
000h
Event Log FIFO Index 0 source
See Table 34 for valid selections
base address +82h
EVENTLOGn_FIFO0_T
IME
31:0
EVENTLOGn_FIFO0_TIME
[31:0]
0000
0000h
Event Log FIFO Index 0 Time
base address +84h
EVENTLOGn_FIFO1_R
EAD
12
EVENTLOGn_FIFO1_POL
0
Event Log FIFO Index 1 polarity
Register description is as above.
8:0
EVENTLOGn_FIFO1_ID
[8:0]
000h
Event Log FIFO Index 1 source
Register description is as above.
base address +86h
EVENTLOGn_FIFO1_T
IME
31:0
EVENTLOGn_FIFO1_TIME
[31:0]
0000
0000h
Event Log FIFO Index 1 Time
base address +88h
EVENTLOGn_FIFO2_R
EAD
12
EVENTLOGn_FIFO2_POL
0
Event Log FIFO Index 2 polarity
Register description is as above.
8:0
EVENTLOGn_FIFO2_ID
[8:0]
000h
Event Log FIFO Index 2 source
Register description is as above.
base address +8Ah
EVENTLOGn_FIFO2_T
IME
31:0
EVENTLOGn_FIFO2_TIME
[31:0]
0000
0000h
Event Log FIFO Index 2 Time
base address +8Ch
EVENTLOGn_FIFO3_R
EAD
12
EVENTLOGn_FIFO3_POL
0
Event Log FIFO Index 3 polarity
Register description is as above.
8:0
EVENTLOGn_FIFO3_ID
[8:0]
000h
Event Log FIFO Index 3 source
Register description is as above.
base address +8Eh
EVENTLOGn_FIFO3_T
IME
31:0
EVENTLOGn_FIFO3_TIME
[31:0]
0000
0000h
Event Log FIFO Index 3 Time
base address +90h
EVENTLOGn_FIFO4_R
EAD
12
EVENTLOGn_FIFO4_POL
0
Event Log FIFO Index 4 polarity
Register description is as above.
8:0
EVENTLOGn_FIFO4_ID
[8:0]
000h
Event Log FIFO Index 4 source
Register description is as above.
base address +92h
EVENTLOGn_FIFO4_T
IME
31:0
EVENTLOGn_FIFO4_TIME
[31:0]
0000
0000h
Event Log FIFO Index 4 Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com