Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 150 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 150 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 146Page - Cirrus Logic CS47L85 Datasheet HTML 147Page - Cirrus Logic CS47L85 Datasheet HTML 148Page - Cirrus Logic CS47L85 Datasheet HTML 149Page - Cirrus Logic CS47L85 Datasheet HTML 150Page - Cirrus Logic CS47L85 Datasheet HTML 151Page - Cirrus Logic CS47L85 Datasheet HTML 152Page - Cirrus Logic CS47L85 Datasheet HTML 153Page - Cirrus Logic CS47L85 Datasheet HTML 154Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 370 page
background image
CS47L85
150
Rev 4.3
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
FINE
14
EVENTLOGn_CH4_POL
0
Event Log Channel 4 polarity
Register description is as above.
8:0
EVENTLOGn_CH4_SEL
[8:0]
000h
Event Log Channel 4 source
Register description is as above.
base address +48h
EVENTLOGn_CH5_DE
FINE
15
EVENTLOGn_CH5_DB
0
Event Log Channel 5 de-bounce
Register description is as above.
14
EVENTLOGn_CH5_POL
0
Event Log Channel 5 polarity
Register description is as above.
8:0
EVENTLOGn_CH5_SEL
[8:0]
000h
Event Log Channel 5 source
Register description is as above.
base address +4Ah
EVENTLOGn_CH6_DE
FINE
15
EVENTLOGn_CH6_DB
0
Event Log Channel 6 de-bounce
Register description is as above.
14
EVENTLOGn_CH6_POL
0
Event Log Channel 6 polarity
Register description is as above.
8:0
EVENTLOGn_CH6_SEL
[8:0]
000h
Event Log Channel 6 source
Register description is as above.
base address +4Ch
EVENTLOGn_CH7_DE
FINE
15
EVENTLOGn_CH7_DB
0
Event Log Channel 7 de-bounce
Register description is as above.
14
EVENTLOGn_CH7_POL
0
Event Log Channel 7 polarity
Register description is as above.
8:0
EVENTLOGn_CH7_SEL
[8:0]
000h
Event Log Channel 7 source
Register description is as above.
base address +4Eh
EVENTLOGn_CH8_DE
FINE
15
EVENTLOGn_CH8_DB
0
Event Log Channel 8 de-bounce
Register description is as above.
14
EVENTLOGn_CH8_POL
0
Event Log Channel 8 polarity
Register description is as above.
8:0
EVENTLOGn_CH8_SEL
[8:0]
000h
Event Log Channel 8 source
Register description is as above.
base address +50h
EVENTLOGn_CH9_DE
FINE
15
EVENTLOGn_CH9_DB
0
Event Log Channel 9 de-bounce
Register description is as above.
14
EVENTLOGn_CH9_POL
0
Event Log Channel 9 polarity
Register description is as above.
8:0
EVENTLOGn_CH9_SEL
[8:0]
000h
Event Log Channel 9 source
Register description is as above.
base address +52h
EVENTLOGn_CH10_D
EFINE
15
EVENTLOGn_CH10_DB
0
Event Log Channel 10 de-bounce
Register description is as above.
14
EVENTLOGn_CH10_POL
0
Event Log Channel 10 polarity
Register description is as above.
8:0
EVENTLOGn_CH10_SEL
[8:0]
000h
Event Log Channel 10 source
Register description is as above.
base address +54h
EVENTLOGn_CH11_D
EFINE
15
EVENTLOGn_CH11_DB
0
Event Log Channel 11 de-bounce
Register description is as above.
14
EVENTLOGn_CH11_POL
0
Event Log Channel 11 polarity
Register description is as above.
8:0
EVENTLOGn_CH11_SEL
[8:0]
000h
Event Log Channel 11 source
Register description is as above.
base address +56h
EVENTLOGn_CH12_D
EFINE
15
EVENTLOGn_CH12_DB
0
Event Log Channel 12 de-bounce
Register description is as above.
14
EVENTLOGn_CH12_POL
0
Event Log Channel 12 polarity
Register description is as above.
8:0
EVENTLOGn_CH12_SEL
[8:0]
000h
Event Log Channel 12 source
Register description is as above.
base address +58h
EVENTLOGn_CH13_D
EFINE
15
EVENTLOGn_CH13_DB
0
Event Log Channel 13 de-bounce
Register description is as above.
14
EVENTLOGn_CH13_POL
0
Event Log Channel 13 polarity
Register description is as above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com