Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 149 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 149 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 145Page - Cirrus Logic CS47L85 Datasheet HTML 146Page - Cirrus Logic CS47L85 Datasheet HTML 147Page - Cirrus Logic CS47L85 Datasheet HTML 148Page - Cirrus Logic CS47L85 Datasheet HTML 149Page - Cirrus Logic CS47L85 Datasheet HTML 150Page - Cirrus Logic CS47L85 Datasheet HTML 151Page - Cirrus Logic CS47L85 Datasheet HTML 152Page - Cirrus Logic CS47L85 Datasheet HTML 153Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 370 page
background image
CS47L85
Rev 4.3
149
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
13
EVENTLOGn_CH14_ENA
0
Event Log Channel 14 Enable
Register description is as above.
12
EVENTLOGn_CH13_ENA
0
Event Log Channel 13 Enable
Register description is as above.
11
EVENTLOGn_CH12_ENA
0
Event Log Channel 12 Enable
Register description is as above.
10
EVENTLOGn_CH11_ENA
0
Event Log Channel 11 Enable
Register description is as above.
9
EVENTLOGn_CH10_ENA
0
Event Log Channel 10 Enable
Register description is as above.
8
EVENTLOGn_CH9_ENA
0
Event Log Channel 9 Enable
Register description is as above.
7
EVENTLOGn_CH8_ENA
0
Event Log Channel 8 Enable
Register description is as above.
6
EVENTLOGn_CH7_ENA
0
Event Log Channel 7 Enable
Register description is as above.
5
EVENTLOGn_CH6_ENA
0
Event Log Channel 6 Enable
Register description is as above.
4
EVENTLOGn_CH5_ENA
0
Event Log Channel 5 Enable
Register description is as above.
3
EVENTLOGn_CH4_ENA
0
Event Log Channel 4 Enable
Register description is as above.
2
EVENTLOGn_CH3_ENA
0
Event Log Channel 3 Enable
Register description is as above.
1
EVENTLOGn_CH2_ENA
0
Event Log Channel 2 Enable
Register description is as above.
0
EVENTLOGn_CH1_ENA
0
Event Log Channel 1 Enable
Register description is as above.
base address +40h
EVENTLOGn_CH1_DE
FINE
15
EVENTLOGn_CH1_DB
0
Event Log Channel 1 de-bounce
0 = Disabled
1 = Enabled
Note that channel must be disabled
when updating this register
14
EVENTLOGn_CH1_POL
0
Event Log Channel 1 polarity
0 = Rising edge triggered
1 = Falling edge triggered
Note that channel must be disabled
when updating this register
8:0
EVENTLOGn_CH1_SEL
[8:0]
000h
Event Log Channel 1 source.
See Table 34 for valid selections.
Note that channel must be disabled
when updating this register
base address +42h
EVENTLOGn_CH2_DE
FINE
15
EVENTLOGn_CH2_DB
0
Event Log Channel 2 de-bounce
Register description is as above.
14
EVENTLOGn_CH2_POL
0
Event Log Channel 2 polarity
Register description is as above.
8:0
EVENTLOGn_CH2_SEL
[8:0]
000h
Event Log Channel 2 source
Register description is as above.
base address +44h
EVENTLOGn_CH3_DE
FINE
15
EVENTLOGn_CH3_DB
0
Event Log Channel 3 de-bounce
Register description is as above.
14
EVENTLOGn_CH3_POL
0
Event Log Channel 3 polarity
Register description is as above.
8:0
EVENTLOGn_CH3_SEL
[8:0]
000h
Event Log Channel 3 source
Register description is as above.
base address +46h
EVENTLOGn_CH4_DE
15
EVENTLOGn_CH4_DB
0
Event Log Channel 4 de-bounce
Register description is as above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com